Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2321 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2321
Description  Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2321 Datasheet(HTML) 3 Page - Linear Technology

  LTC2321 Datasheet HTML 1Page - Linear Technology LTC2321 Datasheet HTML 2Page - Linear Technology LTC2321 Datasheet HTML 3Page - Linear Technology LTC2321 Datasheet HTML 4Page - Linear Technology LTC2321 Datasheet HTML 5Page - Linear Technology LTC2321 Datasheet HTML 6Page - Linear Technology LTC2321 Datasheet HTML 7Page - Linear Technology LTC2321 Datasheet HTML 8Page - Linear Technology LTC2321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
dc1996afb
DEMO MANUAL DC1996A
SIGNAL CONNECTIONS
J1 CLK IN: This input has a 50Ω termination resistor,
and is intended to be driven by a low jitter 10dBm sine or
square wave. To achieve the full AC performance of this
part, the clock jitter should be kept under 2ps. This input
is capacitively coupled so that the input clock can be either
0V to 3.3V or ±1.65V. This eliminates the need for level
shifting. To run at the maximum conversion rate, apply
the frequency specified in the Table 1.
J2 Ch2+ Input: In the single-ended configuration, this is
the channel 2 signal input. For differential operation, this
serves as the positive channel 2 signal input.
J3 Ch2– Input: This input is used only for differential
operation. It serves as the negative channel 2 signal input.
J4 Ch1+ Input: In the single-ended configuration, this is
the channel 1 signal input. For differential operation, this
serves as the positive channel 1 signal input.
J5 Ch1– Input: This input is used only for differential
operation. It serves as the negative channel 1 signal input.
J6 FPGA Program: Factory use only.
J7 JTAG: Factory use only.
JP1 +IN2 Coupling: Use this jumper to select AC- or DC-
coupling of the signal applied to J2. The default setting
is DC. At very low input frequencies, using AC-coupling
may degrade the distortion performance.
JP2 Mode: Use this jumper to select the signal input mode
for the channel 2 input of the LTC2323. The default setting
is Diff. The Diff setting accepts a single-ended signal from
J2 and applies it as a differential signal to channel 2 of the
LTC2323. The Bip setting accepts a single-ended signal
from J2 and applies it as a single-ended bipolar signal to
channel 2 of the LTC2323. The Uni setting also accepts a
single-ended signal from J2, but applies it as a unipolar
signal to channel 2 of the LTC2323.
JP3 Data Out: Use this jumper to select the data output
format from the LTC2323. The default setting is CMOS.
The output data will not be valid if the jumper is moved
to the LVDS position unless the following changes have
been made:
Install 100Ω S0402 resistors at R26, 75, 76, 99
Reprogram the CPLD through J6 using the program-
ming file LTC2323.pof found at:
http://www.linear.com/demo/DC1996A
Move JP3 to the LVDS position.
JP4 –IN2 Coupling: Use this jumper to select AC- or DC-
coupling of the signal applied to J3. The default setting
is DC. At very low input frequencies, using AC-coupling
may degrade the distortion performance.
JP5 +IN1 Coupling: Use this jumper to select AC- or DC-
coupling of the signal applied to J4. The default setting
is DC. At very low input frequencies, using AC-coupling
may degrade the distortion performance.
JP6 CM1: Use this jumper to set the DC bias point for the
signal applied to J4 when JP5 (+IN1 coupling) is in the
AC position. The default setting is ADC. The EXT setting
allows the use of an externally applied common mode
voltage applied at E1 (EXT_CM1).
JP7 CM2: Use this jumper to set the DC bias point for the
signal applied to J2 when JP1 (+IN2 coupling) is in the
AC position. The default setting is ADC. The EXT setting
allows the use of an externally applied common mode
voltage applied at E2 (EXT_CM2).
JP8 Mode: Use this jumper to select the signal input mode
for the channel 1 input of the LTC2323. The default setting
is Diff. The Diff setting accepts a single-ended signal from
J4 and applies it as a differential signal to channel 1 of the
LTC2323. The Bip setting accepts a single-ended signal
from J4 and applies it as a single-ended bipolar signal to
channel 1 of the LTC2323. The Uni setting also accepts a
single-ended signal from J4, but applies it as a unipolar
signal to channel 1 of the LTC2323.
HARDWARE SETUP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com