Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2321 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2321
Description  Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2321 Datasheet(HTML) 2 Page - Linear Technology

  LTC2321 Datasheet HTML 1Page - Linear Technology LTC2321 Datasheet HTML 2Page - Linear Technology LTC2321 Datasheet HTML 3Page - Linear Technology LTC2321 Datasheet HTML 4Page - Linear Technology LTC2321 Datasheet HTML 5Page - Linear Technology LTC2321 Datasheet HTML 6Page - Linear Technology LTC2321 Datasheet HTML 7Page - Linear Technology LTC2321 Datasheet HTML 8Page - Linear Technology LTC2321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc1996afb
DEMO MANUAL DC1996A
QUICK START PROCEDURE
Demonstration circuit 1996A is easy to set up and evaluate
for performance. Refer to Figure 1 and follow the proce-
dure below.
n
Connect the DC1996A to a DC890 USB high speed data
collection board using edge connector P1.
n
Connect the DC890 to a host PC with a standard USB
A/B cable.
n
Apply a low jitter signal source to J2 to test channel
2, or to J4 to test channel 1. Note that the DC1996A
is capable of accepting a differential input signal as
well as a single-ended signal. See the Hardware Setup
section for the jumper positions that correspond to
these configurations.
n
As a clock source, apply a low jitter 10dBm sine wave or
square wave to connector J1. See Table 1 for maximum
clock frequencies. Note that J1 has a 50Ω termination
resistor to ground.
n
Run the PScope software (Pscope.exe version K73,
or later) supplied with the DC890 or download it from
www.linear.com/software. Complete software doc-
umentation is available from the Help menu. Updates
can be downloaded from the Tools menu. Check for
updates periodically, as new features may be added.
The PScope software should recognize the DC1996A
and configure itself automatically.
n
Click the Collect button (Figure 2) to begin acquiring
data. The Collect button then changes to Pause, which
can be used to stop data acquisition.
ASSEMBLY OPTIONS
Table 1. DC1996A Assembly Options
VERSION
U1 PART NUMBER
MAX CONVERSION RATE
# OF BITS
MAX CLOCK FREQUENCY
DC1996A-A
LTC2323CUFD-16#PBF
5Msps
16
110MHz
DC1996A-B
LTC2321CUFD-16#PBF
2Msps
16
64MHz
DC1996A-C
LTC2323CUFD-14#PBF
5Msps
14
110MHz
DC1996A-D
LTC2321CUFD-14#PBF
2Msps
14
62MHz
DC1996A-E
LTC2323CUFD-12 #PBF
5Msps
12
95MHz
DC1996A-F
LTC2321CUFD-12#PBF
2Msps
12
58MHz
Figure 2. DC1996A PScope Screenshot



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com