Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8201MEVAL1Z Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL8201MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 3 of 16
October 28, 2014
Pinout
ISL8201M
(15 LD QFN)
TOP AND 3D VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
Pin Descriptions
PIN
SYMBOL
DESCRIPTION
1, 2, 3, 4, 11
PGND
Power ground. Connect to ground plane directly.
5
PVCC
Supply voltage. Connect 1µF ceramic capacitor to ground plane directly.
6, 8, 15
NC
Do not connect.
7
ISET
Overcurrent protection. Integrated internal 3.57k
 resistor. Connect additional resistor between this
pin and PGND pin can change initial setting.
9
VIN
Power input. Connect to input.
10
PHASE
Phase node. Node of high-side and low-side MOSFETs and output inductor connection.
12
VOUT
Power output. Connect to output.
13
COMP/EN
Compensation and enable.
14
FB
Feedback input. Connect resistor between this pin and ground for adjusting output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com