Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8201MEVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL8201MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 4 of 16
October 28, 2014
Absolute Maximum Ratings
Thermal Information
COMP/EN to PGND . . . . . . . . . . . . . . . . . . . . . . . . PGND - 0.3V to +6V
ISET to PGND. . . . . . . . . . . . . . . . . . . . . PGND - 0.3V to PVCC + 0.3V
PVCC to PGND. . . . . . . . . . . . . . . . . . . . . . . . . . PGND - 0.3V to +15V
PHASE to PGND. . . . . . . . . . . . . . . . . . . . . . . . -1.2V ~ +30V (Note 4)
VIN to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . -1.2V ~ +30V (Note 4)
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
15 Ld QFN (Notes 5, 6) . . . . . . . . . . . .
13
2
Junction Temperature TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature Range TSTG . . . . . . . . . . . . .-55°C to +125°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Ratings
Input Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . +1V to +20V
Output Voltage (VOUT) . . . . . . . . . . . . . . . . . . . . . . . . . +0.6V to +5V
PVCC
Fixed Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . +5V or +12V
Wide Range Supply . . . . . . . . . . . . . . . . . . . . . . +6.5V to +14.4V
Ambient Temperature Range (TA) . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. VDS (Drain-to-Source) specification for internal high-side and low-side MOSFET.
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board (i.e. 4-layer type without thermal vias
– see tech brief TB379) per JEDEC standards except that the top and bottom layers assume solid planes.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
TA = +25°C. VIN = 12V, VOUT = 1.5V. CIN = 220µFx1, 10µF/Ceramicx2, COUT = 330µF (ESR = 10m),
22µF/Ceramicx3.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Supply Bias Current
IQ(VIN)
IOUT = 0A, VOUT = 1.5V, VIN = 12V, PVCC = 12V
-
10
-
mA
Input In-rush Current
IinRush
IOUT = 0A, VOUT = 1.5V, VIN = 12V, PVCC = 12V
-
140
-
mA
Input Supply Current
IS(VIN)
IOUT = 10A, VOUT = 1.5V, VIN = 12V, PVCC = 12V
-
1.48
-
A
OUTPUT CHARACTERISTICS
Output Continuous Current Range
IOUT(DC)
VIN = 12V, VOUT = 1.5V
0
-
10
A
Line Regulation Accuracy
VOUT/VIN VOUT = 1.5V, IOUT = 0A, VIN =3.3V to 20V, PVCC = 12V
-
0.1
-
%
Load Regulation Accuracy
VOUT/IOUT IOUT = 0A to 10A, VOUT = 1.5V, VIN = 12V, PVCC = 12V
-
0.5
-
%
Peak-to-Peak Output Ripple Voltage
VOUT
IOUT = 10A, VOUT = 1.5V, VIN = 12V, PVCC = 12V
-
20
-
mV
DYNAMIC CHARACTERISTICS
Voltage Change For Positive Load Step
VOUT-DP IOUT = 0A to 5A. Current slew rate = 2.5A/µs, VIN = 12V,
VOUT = 1.5V, PVCC = 12V
-
36
-
mV
Voltage Change For Negative Load Step
VOUT-DN IOUT = 0A to 5A. Current slew rate = 2.5A/µs, VIN = 12V,
VOUT = 1.5V, PVCC = 12V
-
39
-
mV
CONTROLLER
Shutdown PVCC Supply Current
IPVCC_S
PVCC = 12V; Disabled (Note 7)
4
5.2
7
mA
Supply Voltage
PVCC
Fixed 5V supply
4.5
5.0
5.5
V
Wide range supply
6.5
12.0
14.4
V
PVCC Operating Current
IPVCC
IOUT = 10A, VOUT = 1.5V VIN = 12V
5V supply
-
22
-
mA
12V supply
-
47
-
mA
Rising PVCC Threshold
VPORR
(Note 7)
3.9
4.1
4.3
V
PVCC Power-On-Reset Threshold Hysteresis
VPORH
(Note 7)
0.30
0.35
0.40
V
Oscillator Frequency
FOSC
(Note 7)
510
600
660
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com