Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8201MEVAL1Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL8201MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 9 of 16
October 28, 2014
Soft-Start and Pre-Biased Outputs
The soft-start internally ramps the reference on the
non-inverting terminal of the error amp from 0V to 0.6V in a
nominal 6.8ms. The output voltage will thus follow the ramp,
from zero to final value, in the same 6.8ms (the actual ramp
seen on the VOUT will be less than the nominal time), due to
some initialization timing, between t3 and t4.
The ramp is created digitally, so there will be 64 small discrete
steps. There is no simple way to change this ramp rate
externally.
After an initialization period (t3 to t4), the error amplifier
(COMP/EN pin) is enabled and begins to regulate the converter's
output voltage during soft-start. The oscillator's triangular
waveform is compared to the ramping error amplifier voltage. This
generates PHASE pulses of increasing width that charge the
output capacitors. When the internally generated soft-start voltage
exceeds the reference voltage (0.6V), the soft-start is complete
and the output should be in regulation at the expected voltage.
This method provides a rapid and controlled output voltage rise;
there is no large in-rush current charging the output capacitors.
The entire start-up sequence from POR typically takes up to
17ms; up to 10.2ms for the delay and OCP sample and 6.8ms for
the soft-start ramp.
Figure 16 shows the normal curve for start-up; initialization
begins at t0, and the output ramps between t1 and t2. If the
output is pre-biased to a voltage less than the expected value
(as shown Figure 17), the ISL8201M will detect that condition.
Neither internal MOSFET will turn on until the soft-start ramp
voltage exceeds the output; VOUT starts seamlessly ramping
from there.
If the output is pre-biased to a voltage above the expected value
(as shown Figure 18), neither MOSFET will turn on until the end
of the soft-start, at which time it will pull the output voltage down
to the final value. Any resistive load connected to the output will
help pull down the voltage (at the RC rate of the R of the load
and the C of the output capacitance).
FIGURE 15. ISET AND SOFT-START OPERATION
ISET
t1
t2 t3
t4
t5
COMP/EN
ISET
VOUT
3.4ms
3.4ms
FIGURE 16. NORMAL START-UP
FIGURE 17. PRE-BIASED START-UP
t0
t1
t2
VOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com