Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8201MEVAL1Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8201MEVAL1Z
Description  10A, High Efficiency DC/DC Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8201MEVAL1Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8201MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL8201MEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ISL8201M
FN6657 Rev 3.00
Page 14 of 16
October 28, 2014
Package Description
The structure of ISL8201M belongs to the Quad Flat-pack
No-lead package (QFN). This kind of package has advantages,
such as good thermal and electrical conductivity, low weight and
small size. The QFN package is applicable for surface mounting
technology and is being more readily used in the industry. The
ISL8201M contains several types of devices, including resistors,
capacitors, inductors and control ICs. The ISL8201M is a copper
leadframe based package with exposed copper thermal pads,
which have good electrical and thermal conductivity. The copper
leadframe and multi component assembly is overmolded with
polymer mold compound to protect these devices.
The package outline and typical PCB layout pattern design and
typical stencil pattern design are shown in the package outline
drawing L15.15x15 on page 15. The module has a small size
of 15mmx15mm x 3.5mm. Figure 26 shows typical reflow
profile parameters. These guidelines are general design rules.
Users could modify parameters according to their application.
PCB Layout Pattern Design
The bottom of ISL8201M is leadframe footprint, which is
attached to PCB by surface mounting process. The PCB layout
pattern is shown in the Package Outline Drawing L15.15x15 on
page 15. The PCB layout pattern is essentially 1:1 with the
QFN exposed pad and I/O termination dimensions, except for
the PCB lands being a slightly extended distance of 0.2mm
(0.4mm max) longer than the QFN terminations, which allows
for solder filleting around the periphery of the package. This
ensures a more complete and inspectable solder joint. The
thermal lands on the PCB layout should match 1:1 with the
package exposed die pads.
Thermal Vias
A grid of 1.0mm to 1.2mm pitch thermal vias, which drops
down and connects to buried copper plane(s), should be
placed under the thermal land. The vias should be about
0.3mm to 0.33mm in diameter with the barrel plated to about
1.0 ounce copper. Although adding more vias (by decreasing
via pitch) will improve the thermal performance, diminishing
returns will be seen as more and more vias are added. Simply
use as many vias as practical for the thermal land size and
your board design rules allow.
Stencil Pattern Design
Reflowed solder joints on the perimeter I/O lands should have
about a 50µm to 75µm (2mil to 3mil) standoff height. The solder
paste stencil design is the first step in developing optimized,
reliable solder joins. Stencil aperture size to land size ratio should
typically be 1:1. The aperture width may be reduced slightly to
help prevent solder bridging between adjacent I/O lands. To
reduce solder paste volume on the larger thermal lands, it is
recommended that an array of smaller apertures be used instead
of one large aperture. It is recommended that the stencil printing
area cover 50% to 80% of the PCB layout pattern. A typical solder
stencil pattern is shown in the Package Outline Drawing
L15.15x15 on page 15. The gap width between pad to pad is
0.6mm. The user should consider the symmetry of the whole
stencil pattern when designing its pads. A laser cut, stainless steel
stencil with electropolished trapezoidal walls is recommended.
Electropolishing "smoothes" the aperture walls resulting in
reduced surface friction and better paste release which reduces
voids. Using a trapezoidal section aperture (TSA) also promotes
paste release and forms a "brick like" paste deposit that assists in
firm component placement. A 0.1mm to 0.15mm stencil thickness
is recommended for this large pitch (1.3mm) QFN.
Reflow Parameters
Due to the low mount height of the QFN, "No Clean" Type 3
solder paste per ANSI/J-STD-005 is recommended. Nitrogen
purge is also recommended during reflow. A system board
reflow profile depends on the thermal mass of the entire
populated board, so it is not practical to define a specific
soldering profile just for the QFN. The profile given in Figure 26
is provided as a guideline, to be customized for varying
manufacturing practices and applications.
FIGURE 26. TYPICAL REFLOW PROFILE
0300
100
150
200
250
350
0
50
100
150
200
250
300
DURATION (s)
SLOW RAMP (3°C/s MAX)
AND SOAK FROM +100°C
TO +180°C FOR 90s~120s
RAMP RATE
1.5°C FROM +70°C TO +90°C
PEAK TEMPERATURE +230°C~+245°C;
TYPICALLY 60s-70s ABOVE +220°C
KEEP LESS THAN 30s WITHIN 5°C OF PEAK TEMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com