Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274M Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 31Page - Renesas Technology Corp ISL8274M Datasheet HTML 32Page - Renesas Technology Corp ISL8274M Datasheet HTML 33Page - Renesas Technology Corp ISL8274M Datasheet HTML 34Page - Renesas Technology Corp ISL8274M Datasheet HTML 35Page - Renesas Technology Corp ISL8274M Datasheet HTML 36Page - Renesas Technology Corp ISL8274M Datasheet HTML 37Page - Renesas Technology Corp ISL8274M Datasheet HTML 38Page - Renesas Technology Corp ISL8274M Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
FN8931 Rev.1.00
Page 35 of 81
Jan 4, 2018
ISL8274M
5. Layout Guide
5.6
Reflow Parameters
Due to the low mount height of the HDA, “No-Clean” Type 3 solder paste per ANSI/J-STD-005 is recommended.
A nitrogen purge is also recommended during reflow. A system board reflow profile depends on the thermal mass
of the entire populated board, so it is not practical to define a specific soldering profile just for the HDA. The
profile given in Figure 33 is provided as a guideline, which can be customized for varying manufacturing practices
and applications.
Figure 33. Typical Reflow Profile
0
300
100
150
200
250
350
0
50
100
150
200
250
300
Duration (s)
Slow Ramp (3°C/s Max)
and Soak From +150°C
to +200°C for 60s~180s
Ramp Rate
1.5°C from +70°C to +90°C
Peak Temperature ~+245°C;
Typically 60s-150s Above +217°C
Keep Less than 30s within 5°C of Peak Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com