Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274M Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 36Page - Renesas Technology Corp ISL8274M Datasheet HTML 37Page - Renesas Technology Corp ISL8274M Datasheet HTML 38Page - Renesas Technology Corp ISL8274M Datasheet HTML 39Page - Renesas Technology Corp ISL8274M Datasheet HTML 40Page - Renesas Technology Corp ISL8274M Datasheet HTML 41Page - Renesas Technology Corp ISL8274M Datasheet HTML 42Page - Renesas Technology Corp ISL8274M Datasheet HTML 43Page - Renesas Technology Corp ISL8274M Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
FN8931 Rev.1.00
Page 40 of 81
Jan 4, 2018
ISL8274M
6. PMBus Command Summary
E8h
IOUT_AVG_UC_FAULT_LIMIT
Sets the IOUT
average undercurrent
fault threshold.
R/W
L11
DC40h
-30A
page 68
E9h
SYNC_CONFIG
Configures the SYNC
pin.
R/W
Byte
BIT
00h
Pin-strap (set
based on
SYNC/OCP)
page 69
EAh
SNAPSHOT
Returns 32-byte
read-back of
parametric and status
values.
Read
Block
BIT
page 69
EBh
BLANK_PARAMS
Returns recently
changed parameter
values.
Read
Block
BIT
FF...FFh
page 70
F3h
SNAPSHOT_CONTROL
Snapshot feature
control command.
R/W
Byte
BIT
page 70
F4h
RESTORE_FACTORY
Restores device to
the factory default
values.
Send
Byte
page 70
F5h
MFR_VMON_OV_FAULT_LIMIT
Returns the VMON
overvoltage
threshold.
Read
Word
L11
CB00h
6V
page 70
F6h
MFR_VMON_UV_FAULT_LIMIT
Returns the VMON
undervoltage
threshold.
Read
Word
L11
CA00h
4V
page 71
F7h
MFR_READ_VMON
Returns the VMON
voltage reading.
Read
Word
L11
page 71
F8h
VMON_OV_FAULT_RESPONSE Returns the VMON
overvoltage
response.
Read
Byte
BIT
80h
Disable and
No Retry
page 71
F9h
VMON_UV_FAULT_RESPONSE Returns the VMON
undervoltage
response.
Read
Byte
BIT
80h
Disable and No
Retry
page 71
Command
Code
Command
Name
Description
Type
Data
Format
Default
Value
Default
Setting
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com