Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274M Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 16Page - Renesas Technology Corp ISL8274M Datasheet HTML 17Page - Renesas Technology Corp ISL8274M Datasheet HTML 18Page - Renesas Technology Corp ISL8274M Datasheet HTML 19Page - Renesas Technology Corp ISL8274M Datasheet HTML 20Page - Renesas Technology Corp ISL8274M Datasheet HTML 21Page - Renesas Technology Corp ISL8274M Datasheet HTML 22Page - Renesas Technology Corp ISL8274M Datasheet HTML 23Page - Renesas Technology Corp ISL8274M Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
FN8931 Rev.1.00
Page 20 of 81
Jan 4, 2018
ISL8274M
3. Typical Performance Curves
3.4
Transient Response Performance
Operating condition: TA = +25°C, no air flow. Refer to Table 2 on page 10 for output capacitor and ASCR settings. Typical values are used
unless otherwise noted.
Figure 24. 0A-15A, >10A/µs, 12VIN,1VOUT, 615kHz
Figure 25. 0A-15A, >10A/µs, 12VIN,1.5VOUT, 889kHz
Figure 26. 0A-15A, >10A/µs, 12VIN,1.8VOUT, 889kHz
Figure 27. 0A-15A, >10A/µs, 12VIN, 2.5VOUT, 1067kHz
Figure 28. 0A-12.5A, >10A/µs, 12VIN, 3.3VOUT, 800kHz
Figure 29. 0A-12.5A, >10A/µs, 12VIN, 5VOUT, 1067kHz
IOUT (5A/Div)
VOUT (50mV/Div)
50µs/Div
IOUT (5A/Div)
VOUT (50mV/Div)
50µs/Div
IOUT (5A/Div)
VOUT (50mV/Div)
50µs/Div
IOUT (5A/Div)
VOUT (50mV/Div)
50µs/Div
IOUT (5A/Div)
VOUT (50mV/Div)
50µs/Div
IOUT (5A/Div)
VOUT (50mV/Div)
50µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com