Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274M Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 42Page - Renesas Technology Corp ISL8274M Datasheet HTML 43Page - Renesas Technology Corp ISL8274M Datasheet HTML 44Page - Renesas Technology Corp ISL8274M Datasheet HTML 45Page - Renesas Technology Corp ISL8274M Datasheet HTML 46Page - Renesas Technology Corp ISL8274M Datasheet HTML 47Page - Renesas Technology Corp ISL8274M Datasheet HTML 48Page - Renesas Technology Corp ISL8274M Datasheet HTML 49Page - Renesas Technology Corp ISL8274M Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
FN8931 Rev.1.00
Page 46 of 81
Jan 4, 2018
ISL8274M
7. PMBus Commands Description
INTERLEAVE (37h)
Definition: Configures the phase offset of a device that is sharing a common SYNC clock with other devices. The
phase offset of each device can be set to any value between 0° and 360° in 22.5° increments. The internal two phases of
the module always maintain a phase difference of 180°.
Data Length in Bytes: 2
Data Format: BIT
Type: R/W
Default Value: 0021h (Page0), 0022h (Page1)
Units: N/A
IOUT_CAL_GAIN (38h)
Definition: Sets the effective impedance across the current sense circuit for use in calculating output current at +25°C.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Ch1: B2C3(0.69mΩ); Ch2: B2D7(0.7mΩ)
Units: mΩ
IOUT_CAL_OFFSET (39h)
Definition: Nulls out any offsets in the output current sensing circuit for each phase, and compensates for delayed
measurements of current ramp due to ISENSE blanking time.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Ch1: B529(-0.71A); Ch2: BDDC(-1.07A)
Units: A
VOUT_OV_FAULT_LIMIT (40h)
Definition: Sets the VOUT overvoltage fault threshold.
Data Length in Bytes: 2
Data Format: L16u
Type: R/W
Default Value: 1.15xVOUT_COMMAND pin-strap setting
Units: V
Range: 0V to VOUT_MAX
Bits
Purpose
Value
Description
15:4
Reserved
0
Reserved
3:0
Position in Group
0 to 15
Sets position of the device's rail within the group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com