Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274M Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 33Page - Renesas Technology Corp ISL8274M Datasheet HTML 34Page - Renesas Technology Corp ISL8274M Datasheet HTML 35Page - Renesas Technology Corp ISL8274M Datasheet HTML 36Page - Renesas Technology Corp ISL8274M Datasheet HTML 37Page - Renesas Technology Corp ISL8274M Datasheet HTML 38Page - Renesas Technology Corp ISL8274M Datasheet HTML 39Page - Renesas Technology Corp ISL8274M Datasheet HTML 40Page - Renesas Technology Corp ISL8274M Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
FN8931 Rev.1.00
Page 37 of 81
Jan 4, 2018
ISL8274M
6. PMBus Command Summary
40h
VOUT_OV_FAULT_LIMIT
Sets the VOUT
overvoltage fault
threshold.
R/W
Word
L16u
1.15*VOUT
Pin-strap
page 46
41h
VOUT_OV_FAULT_RESPONSE
Configures the VOUT
overvoltage fault
response.
R/W
Byte
BIT
80h
Disable and
No Retry
page 47
42h
VOUT_OV_WARN_LIMIT
Sets the VOUT
overvoltage warn
threshold.
R/W
Word
L16u
1.10*VOUT
Pin-strap
page 47
43h
VOUT_UV_WARN_LIMIT
Sets the VOUT
undervoltage warn
threshold.
R/W
Word
L16u
0.9*VOUT
Pin-strap
page 47
44h
VOUT_UV_FAULT_LIMIT
Sets the VOUT
undervoltage fault
threshold.
R/W
Word
L16u
0.85*VOUT
Pin-strap
page 48
45h
VOUT_UV_FAULT_RESPONSE
Configures the VOUT
undervoltage fault
response.
R/W
Byte
BIT
80h
Disable and
No Retry
page 48
46h
IOUT_OC_FAULT_LIMIT
Sets the IOUT peak
overcurrent fault
threshold.
R/W
Word
L11
E320h
50A
page 48
4Ah
IOUT_OC_WARN_LIMIT
Sets the IOUT
average overcurrent
warning threshold.
R/W
Word
L11
0.9*IOUT_AVG_OC
_FAULT_LIMIT
page 49
4Bh
IOUT_UC_FAULT_LIMIT
Sets the IOUT valley
undercurrent
fault threshold.
R/W
Word
L11
E4E0h
-50A
page 49
4Fh
OT_FAULT_LIMIT
Sets the
over-temperature
fault threshold.
R/W
Word
L11
EB98h
+115°C
page 49
50h
OT_FAULT_RESPONSE
Configures the
over-temperature
fault response.
R/W
Byte
BIT
80h
Disable and
No Retry
page 50
51h
OT_WARN_LIMIT
Sets the
over-temperature
warning limit.
R/W
Word
L11
EB48h
+105°C
page 50
52h
UT_WARN_LIMIT
Sets the
under-temperature
warning limit.
R/W
WORD
L11
DC40h
-30°C
page 50
53h
UT_FAULT_LIMIT
Sets the
under-temperature
fault threshold.
R/W
Word
L11
E530h
-45°C
page 51
54h
UT_FAULT_RESPONSE
Configures the
under-temperature
fault response.
R/W
Byte
BIT
80h
Disable and
No Retry
page 51
55h
VIN_OV_FAULT_LIMIT
Sets the VIN
overvoltage fault
threshold.
R/W
Word
L11
D3A0
14.5V
page 51
56h
VIN_OV_FAULT_RESPONSE
Configures the VIN
overvoltage fault
response.
R/W
Byte
BIT
80h
Disable and
No Retry
page 52
57h
VIN_OV_WARN_LIMIT
Sets the input
overvoltage warning
limit.
R/W
Word
L11
D353h
13.3V
page 52
58h
VIN_UV_WARN_LIMIT
Sets the input
undervoltage warning
limit.
R/W
Word
L11
1.03*VIN
UV Fault Limit
page 52
Command
Code
Command
Name
Description
Type
Data
Format
Default
Value
Default
Setting
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com