Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/RV Datasheet(PDF) 65 Page - Cirrus Logic

Part # WM9714CLGEFL/RV
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/RV Datasheet(HTML) 65 Page - Cirrus Logic

Back Button WM9714CLGEFL/RV Datasheet HTML 61Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 62Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 63Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 64Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 65Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 66Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 67Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 68Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
WM9714L
Rev 4.0
65
AUXADC POWER MANAGEMENT
To save power, the AUXADC can be independently disabled when not used.
The AUXADC is powered-down using PADCPD, register 3Ch bit 15.
The state of the ADC is controlled using the bits described in Table 46.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3Ch
15
PADCPD
1 = off
AUXADC Disable Control
1 = Disabled
0 = Enabled
78h
15:14
PRP
00
Additional Enable for AUXADC
00 = Disabled
01 = Reserved
10 = Reserved
11 = Enabled
Table 46 AUXADC Power Management
INITIATION OF MEASUREMENTS
The WM9714L AUXADC interface supports both polling routines and DMA (direct memory access) to
control the flow of data from the AUX ADC to the host CPU.
In a polling routine, the CPU starts each measurement individually by writing to the POLL bit (register
74h, bit 9). This bit automatically resets itself when the measurement is completed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
74h
9
POLL
0
Poll Measurement Control
Writing “1” initiates a measurement (when
CTC=0)
8
CTC
0
AUXADC Measurement Mode
0 = Polling mode
1 = Continuous mode (for DMA)
76h
9:8
CR
00
Continuous Mode Conversion Rate
Continuous mode rate (DEL
≠ 1111)
00: 93.75 Hz (every 512 AC-Link frames)
01: 120 Hz (every 400 AC-Link frames)
10: 153.75 Hz (every 312 AC-Link frames)
11: 187.5Hz (every 256 AC-Link frames)
Continuous mode “fast rate” (DEL = 1111)
00: 8 kHz (every six AC-Link frames)
01: 12 kHz (every four AC-Link frames)
10: 24 kHz (every other AC-Link frame)
11: 48 kHz (every AC-Link frame)
Table 47 AUX ADC Control (Initiation of Measurements)
In continuous mode (CTC = 1), the WM9714L autonomously initiates measurements (or sets of
measurements) at the rate set by CR, and supplies the measured data to the CPU on one of the
unused AC’97 time slots. DMA-enabled CPUs can write the data directly into a FIFO without any
intervention by the CPU core. This reduces CPU loading and speeds up the execution of user
programs in handheld systems.
Note that the measurement frequency in continuous mode is also affected by the DEL bits (see
“Register Bits by Address”, Register 76h). The faster rates achieved when DEL = 1111 may be useful
when the ADC is used for multiple measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com