Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/RV Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM9714CLGEFL/RV
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/RV Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM9714CLGEFL/RV Datasheet HTML 17Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 18Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 19Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 20Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 21Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 22Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 23Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 24Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
WM9714L
Rev 4.0
21
AUXADC
The clock for the AUXADC nominally runs at 768kHz and is derived from BITCLK. The divisor for the
clock generator is set by PENDIV. This enables the AUXADC clock frequency to be set according to
power consumption and conversion rate considerations.
Clock mode and division ratios are controlled by register 44h as shown in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
44h
14:12
SEXT[6:4]
000 (div 1)
Defines clock division ratio for Hi-fi:
DSP, ADCs and DACs
000: f
001: f/2
...
111: f/8
11:8
SEXT[3:0]
0000 (div 1)
Defines clock division ratio for PCM
interface and voice DAC in external clock
mode only:
0000: f
0001: f/2
…
1111: f/16
7
CLKSRC
1 (ext clk)
Selects between PLL clock and External
clock
0: PLL clock
1: external clock
5:3
PENDIV
000 (div 16)
Sets AUXADC clock divisor
000: f/16
001: f/12
010: f/8
011: f/6
100: f/4
101: f/3
110: f/2
111: f
2
CLKBX2
0 (Off)
Clock doubler for MCLKB
1
CLKAX2
0 (Off)
Clock doubler for MCLKA
0
CLKMUX
0 (MCLKA)
Selects between MCLKA and MCLKB
(N.B. On power-up clock must be present
on MCLKA and must be active for 2 clock
cycles after switching to MCLKB)
0: SYSCLK=MCLKA
1: SYSCLK=MCLKB
Table 3 Clock Muxing and Division Control
PLL MODE
The PLL operation is controlled by register 46h (see Table 4) and has two modes of operation:
Integer N
Fractional N
The PLL has been optimized for nominal input clock (PLL_IN) frequencies in the range 8.192MHz
–
19.661MHz (LF=0) and 2.048MHz
– 4.9152MHz (LF=1). Through use of a clock divider (div by 2 / 4)
on the input to the PLL frequencies up to 78.6MHz can be accommodated. The input clock divider is
enabled by DIVSEL (0=Off) and the division ratio is set by DIVCTL (0=div2, 1=div4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com