Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/RV Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM9714CLGEFL/RV
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/RV Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM9714CLGEFL/RV Datasheet HTML 32Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 33Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 34Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 35Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 36Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 37Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 38Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 39Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 120 page
background image
WM9714L
36
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
62h
ALC / Noise
Gate Control
15:14
ALCSEL
00
(OFF)
ALC function select
00 = ALC off (PGA gain set by register)
01 = Right channel only
10 = Left channel only
11 = Stereo (PGA registers unused)
13:11
MAXGAIN
111
(+30dB)
PGA gain limit for ALC
111 = +30dB
110 = +24dB
….(6dB steps)
001 = -6dB
000 = -12dB
10:9
ZCTIMEOUT
11
Programmable zero cross timeout (delay
for 12.288MHz BITCLK):
11: 2^17 * tbitclk (10.67 ms)
10: 2^16 * tbitclk (5.33 ms)
01: 2^15 * tbitclk (2.67 ms)
00: 2^14 * tbitclk (1.33 ms)
60h
ALC Control
15:12
ALCL
1011
(-12dB)
ALC target
– sets signal level at ADC
input
0000 = -28.5dB FS
0001 = -27.0dB FS
… (1.5dB steps)
1110 = -7.5dB FS
1111 = -6dB FS
11:8
HLD
0000
(0ms)
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
7:4
DCY
0011
(192ms)
ALC decay (gain ramp-up) time
0000 = 24ms
0001 = 48ms
0010 = 96ms
… (time doubles with every step)
1010 or higher = 24.58s
3:0
ATK
0010
(24ms)
ALC attack (gain ramp-down) time
0000 = 6ms
0001 = 12ms
0010 = 24ms
… (time doubles with every step)
1010 or higher = 6.14s
Table 14 ALC Control
MAXIMUM GAIN
The MAXGAIN register sets the maximum gain value that the PGA can be set to whilst under the
control of the ALC. This has no effect on the PGA when ALC is not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com