Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714CLGEFL/RV Datasheet(PDF) 96 Page - Cirrus Logic

Part # WM9714CLGEFL/RV
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/RV Datasheet(HTML) 96 Page - Cirrus Logic

Back Button WM9714CLGEFL/RV Datasheet HTML 92Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 93Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 94Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 95Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 96Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 97Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 98Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 99Page - Cirrus Logic WM9714CLGEFL/RV Datasheet HTML 100Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
WM9714L
96
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
36h
15
CTRL
0 (GPIO reg)
GPIO Pin Configuration Control
0 = GPIO pins used as GPIOs
1 = GPIO pins used as PCM interface
PCM CODEC
14:13
MODE
10 (master
mode)
PCM Interface Mode Control
00 = PCM interface disabled
01 = Slave mode
10 = Master mode
11 = Partial master mode
11:9
DIV
010 (1/4)
PCMCLK Rate Control
000 = Voice DAC clock
001 = Voice DAC clock / 2
010 = Voice DAC clock / 4
011 = Voice DAC clock / 8
100 = Voice DAC clock / 16
All other values are reserved
8
VDACOSR
0 (64x)
Voice DAC Oversampling Rate Control
0 = 64 x fs
1 = 128 x fs
7
CP
0 (normal)
PCMCLK Polarity Control
0 = Normal
1 = Inverted
6
FSP
0
FMT = 00, 01 or 10
FMT = 11
PCMFS Polarity
Control
0 = Normal
1 = Inverted
DSP Mode Control
0 = DSP Mode A
1 = DSP Mode B
5:4
SEL
00 (LandR
data)
PCM ADC Output Channel Control
00 = Normal stereo
01 = Reverse stereo
10 = Output left ADC data only
11 = Output right ADC data only
3:2
WL
10 (24 bits)
PCM Data Word Length Control
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not supported when FMT=00)
1:0
FMT
10 (I2S)
PCM Data Format Control
00 = Right justified
01 = Left justified
10 = I2S
11 = DSP mode
Register 36h controls the PCM CODEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com