Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6505BA1WAB05 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS6505BA1WAB05
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAB05 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS6505BA1WAB05 Datasheet HTML 10Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 11Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 12Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 13Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 14Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 15Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 16Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 17Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 18Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
DA6505.005
11 June 2018
14 (44)
REGISTER AND EEPROM DATA ADDRESSES
Table 1. Register and EEPROM data addresses
A7
A6
A5
A4
A3
A2
A1
A0
I2C
BUS
(HEX)
SPI BUS
(HEX)
W=write (A7=0)
R=read (A7=1)
Description
Type
A7
0
…
0
0
…
1
0
…
1
0
…
1
0
…
0
0
…
0
0
…
1
80
…
B9
W: 00…39
R: 80…B9
EEPROM; free for any data
E
A7
0
1
1
1
0
1
0
BA
W: 3A, R: BA
EEPROM oscillator frequency trim
(factory trimmed)
E+T
A7
0
1
1
1
0
1
1
BB
W: 3B, R: BB
Temperature sensor configuration
E+T
A7
0
1
1
1
1
0
0
BC
W: 3C, R: BC
Pressure gain trim
E+T
A7
0
1
1
1
1
0
1
BD
W: 3D, R: BD
Temperature gain trim
E+T
A7
0
1
1
1
1
1
0
BE
W: 3E, R: BE
Temperature and pressure offset trim
E+T
A7
0
1
1
1
1
1
1
BF
W: 3F, R: BF
Clock oscillator frequency trim
(factory trimmed)
E+T
A7
1
1
0
1
1
0
0
EC
W: 6C
Reset register; write any data for a
device reset
R
A7
1
1
0
1
1
0
1
ED
W: 6D, R: ED
EEPROM control register
R
A7
1
1
0
1
1
1
0
EE
W: 6E, R: EE
Configuration register
R
A7
1
1
0
1
1
1
1
EF
W: 6F, R: EF
Control register
R
A7
1
1
1
0
0
0
0
F0
R: F0
Status register
R
A7
1
1
1
0
0
0
1
F1
R: F1
Pressure MSB byte result
R
A7
1
1
1
0
0
1
0
F2
R: F2
Pressure LSB byte result
R
A7
1
1
1
0
0
1
1
F3
R: F3
Pressure XLSB byte result
R
A7
1
1
1
0
1
0
0
F4
R: F4
Temperature MSB byte result
R
A7
1
1
1
0
1
0
1
F5
R: F5
Temperature LSB byte result
R
A7
1
1
1
0
1
1
0
F6
R: F6
Temperature XLSB byte result
R
A7
1
1
1
0
1
1
1
F7
W: 77, R: F7
Test input data MSB byte
R
A7
1
1
1
1
0
0
0
F8
W: 78, R: F8
Test input data LSB byte
R
A7
1
1
1
1
0
0
1
F9
W: 79, R: F9
Test input data XLSB byte
R
A7
1
1
1
1
0
1
0
FA
W: 7A, R: FA
Trim and test register
R
A7
1
1
1
1
0
1
1
FB
W: 7B, R: FB
Temperature sensor configuration
R+T
A7
1
1
1
1
1
0
0
FC
W: 7C, R: FC
Pressure gain trim
R+T
A7
1
1
1
1
1
0
1
FD
W: 7D, R: FD
Temperature gain trim
R+T
A7
1
1
1
1
1
1
0
FE
W: 7E, R: FE
Temperature and pressure offset trim
R+T
A7
1
1
1
1
1
1
1
FF
W: 7F, R: FF
Clock oscillator frequency trim
R+T
Type: E = EEPROM, R= Register, T = Trim data
Note: When using the SPI serial interface the register address bit A7 is also used for selecting write (A7= 0) or read (A7=1) operation. For
the I2C interface address bit A7 = 1.
Important note: All addresses presented in this document use 8-bit notation. The I2C bus device address
consists of 7 address bits and 8th LSB bit which selects between write (LSB=0) and read (LSB=1) operation. Thus
MAS6505 device address for write is EAHEX and for read EBHEX. In the SPI bus the register and EEPROM
addresses start with MSB bit (A7) which selects between write (MSB=0) and read (MSB=1) and which is followed
by 7 address bits. For example when using 8-bit address notation the Configuration register write and read
addresses via SPI bus are then 6EHEX and EEHEX respectively. In the I2C the A7 MSB address bit value is always
one (A7=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com