Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6505BA1WAB05 Datasheet(PDF) 41 Page - Micro Analog systems

Part # MAS6505BA1WAB05
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAB05 Datasheet(HTML) 41 Page - Micro Analog systems

Back Button MAS6505BA1WAB05 Datasheet HTML 36Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 37Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 38Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 39Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 40Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 41Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 42Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 43Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 44Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
DA6505.005
11 June 2018
41 (44)
MAS6505 IN QFN-24 4x4x0.85 PACKAGE
Top Marking Information:
MAS6505 = Product Number
VVV = Product Version
YYWW = Year Week
XXXXX = Lot Number
QFN-24 4x4x0.85 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Notes
SCK
1
DI
Serial bus clock input in I2C and SPI
SDI
2
DI/O
Data input/output in I2C
Data input in 4-wire SPI / Data input/output in 3-wire SPI
CSB
3
DI
Bus mode select / chip select with pull-up
CSB=VDDIO: I2C mode / chip not selected
CSB=GND: SPI mode / chip selected
1
VDDIO
4
P
Positive supply voltage for serial bus interface
2
VDD
5
P
Positive supply voltage
6-7
NC
3
GND
8
G
Supply ground
GNDS
9
AO
Sensor bridge supply ground
NI
10
AI
Negative sensor signal input
ETEST
11
AI/O
EEPROM test
4
PI
12
AI
Positive sensor signal input
13-20
NC
3
VDDS
21
P
Supply voltage for sensor bridge and external sensing diode
TD
22
AI/O
External temperature sensing diode cathode connection
5
23
NC
3
SDO
24
DO
Data output in 4-wire SPI mode
Test input/output in test mode
6
NC = Not Connected, P = Power, G = Ground, DO = Digital Output, DI = Digital Input, AO = Analog Output, AI = Analog Input
Note 1: In I2C mode the unused CSB pin must be left unconnected (floating). The CSB pin has internal
250 kΩ pull-up resistor to VDDIO.
To minimize current consumption the pin should be kept high (at VDDIO) except during chip select events of SPI bus communication mode.
Note 2: If there is no separate supply voltage available for the serial bus interface the VDDIO must be tied to VDD.
Note 3: The not connected (NC) pins should be connected to supply ground (GND) for minimum noise.
Note 4: The ETEST pin must be left unconnected (floating). It is only for EEPROM testing purpose.
Note 5: Optional external temperature sensing diode is connected between VDDS (anode) and TD (cathode). The unused TD pin is left
unconnected.
Note 6: In I2C and 3-wire SPI modes the unused SDO pin must be left unconnected (floating).
Note: On PCB the exposed pad is recommended to be connected to GND for minimum noise. It can be also left floating but it cannot be
connected to any other potential than GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com