Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6505BA1WAB05 Datasheet(PDF) 18 Page - Micro Analog systems

Part # MAS6505BA1WAB05
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAB05 Datasheet(HTML) 18 Page - Micro Analog systems

Back Button MAS6505BA1WAB05 Datasheet HTML 14Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 15Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 16Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 17Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 18Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 19Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 20Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 21Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 22Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
DA6505.005
11 June 2018
18 (44)
CONFIGURATION REGISTER (EE/6EHEX)
Configuration
register
(EE/6EHEX)
contains
measurement delay and digital infinite inpulse
response (IIR) low pass filter coefficient settings. In
addition the register has configuration bit to select
between 4-wire and 3-wire SPI bus modes. See
table 3.
In normal mode the selected measurements are run
automatically in a loop. There are eight delays from
0.5ms up to 4000ms selectable by DELAY bit
settings.
By FILTER bit settings it is possible to select optional
low pass filtering of the output temperature and
pressure results. Filtered temperature and pressure
results are stored into the Temperature result
registers (F4/74…F6/76HEX) and the Pressure result
registers (F1/71…F3/73HEX) respectively. The low
pass filtering can be used to damp sudden variations
in the sensor signal and to further improve noise
resolution by an additional filtering of the noise. The
filter does not affect output data rate but it narrows
signal bandwidth and increases step response
delay. See also APPLICATION INFORMATION on
page
40
regarding
IIR
filter
noise
resolution
improvement and step response characteristics.
The FILTER=000 selects no filtering. There are four
filter coefficient options available; COEFF=2, 4, 8 or
16. The IIR filter is initialized every time the FILTER
value is changed. Writing the same FILTER value to
the Configuration register which it already contains
does not initialize the filter. The filtered digital output
code formula is as shown in equation 1 below.
���������������������������� =
����������������������������∙(��������������������−����)+����������������������������
��������������������
Equation 1
where
CODENEW = new filtered output
CODEOLD = previous filtered output
CODEADC = latest A/D conversion result
COEFF = IIR filter coefficient (2, 4, 8 or 16)
Table 3. Configuration register (EE/6EHEX) description
Bit
Number
Bit
Name
Description
Value
Function
7-5
DELAY
Delay between
measurements
000
001
010
011
100
101
110
111
0.5ms
62.5ms
125ms
250ms
500ms
1000ms
2000ms
4000ms
4-2
FILTER
IIR filter coefficient
000
001
010
011
other
No filtering
2
4
8
16
1
-
-
0
1
Default
Reserved for testing purpose. See note.
0
WIRE
SPI 3-wire selection
0
1
4-wire in SPI bus mode (default after power up)
3-wire in SPI bus mode
Note: Keep bit [1] always at logic 0. When STEST=1100 is selected in the Trim and test register (FA/7AHEX) the bit [1] logic 1 selects
external clock for the EEPROM block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com