Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6505BA1WAB05 Datasheet(PDF) 38 Page - Micro Analog systems

Part # MAS6505BA1WAB05
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAB05 Datasheet(HTML) 38 Page - Micro Analog systems

Back Button MAS6505BA1WAB05 Datasheet HTML 34Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 35Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 36Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 37Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 38Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 39Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 40Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 41Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 42Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
DA6505.005
11 June 2018
38 (44)
APPLICATION INFORMATION
Table 17 shows an example of calculated minimum and maximum differential signal values at the sensor input
based on both full and linear input signal ranges of the ADC using the equations 3, 4, 7 and 8. The table shows
input signal values at all eight offset options at both offset polarity signs. The table values are for unity gain
amplification setting (GAIN=1). The input signal values for other gain settings can be easily calculated simply by
dividing these values by the other gain setting value.
Table 17. Min and max input signal values in overall and linear input signal ranges for GAIN=1 setting
OFS%
VINMIN
VINMAX
VINLINMIN
VINLINMAX
[% of ISRADC]
[mV]
[mV]
[mV]
[mV]
-49 %
-1386
14
-1246
-126
-42 %
-1288
112
-1148
-28
-35 %
-1190
210
-1050
70
-28 %
-1092
308
-952
168
-21 %
-994
406
-854
266
-14 %
-896
504
-756
364
-7 %
-798
602
-658
462
0 %
-700
700
-560
560
7 %
-602
798
-462
658
14 %
-504
896
-364
756
21 %
-406
994
-266
854
28 %
-308
1092
-168
952
35 %
-210
1190
-70
1050
42 %
-112
1288
28
1148
49 %
-14.0
1386.0
126.0
1246.0
Pressure Measurement Configuration
A piezoresistive absolute pressure sensor can be modeled roughly with the following signal voltage characteristic
when including only first order pressure and temperature characteristics.
(
)
(
)
(
)
(
)
(
)
−
+
+
−
+
=
REF
OS
FS
REF
FS
REF
IN
T
T
TC
OS
p
p
T
T
TC
FS
VDD
VDDS
T
p
V
1
1
,
Equation 16
VDDS = sensor supply voltage; 1.68V typ
VDDREF = reference supply voltage at which the
sensor parameters (FS, OS) have been specified
(often 5V)
p = pressure [bar]
pFS = full-scale pressure range [bar]
FS = full-scale span [V]
OS = zero pressure offset [V]
TCFS = full-scale span temperature coefficient
[ppm/
C]
TCOS = offset temperature coefficient [ppm/
C]
TREF = reference temperature for resistor values [
C]
T = actual temperature to be measured [
C]
The above linear approximation includes sensor full-scale span and offset signal temperature dependencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com