Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS6505BA1WAB05 Datasheet(PDF) 22 Page - Micro Analog systems

Part # MAS6505BA1WAB05
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAB05 Datasheet(HTML) 22 Page - Micro Analog systems

Back Button MAS6505BA1WAB05 Datasheet HTML 18Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 19Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 20Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 21Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 22Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 23Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 24Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 25Page - Micro Analog systems MAS6505BA1WAB05 Datasheet HTML 26Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
DA6505.005
11 June 2018
22 (44)
TEMPERATURE SENSOR CONFRIGURATION REGISTER (FB/7BHEX)
Temperature
sensor
configuration
register
(FB/7BHEX) is for configuring temperature sensing.
See table 7.
The TSENSOR bit selects between sensor bridge
resistance
temperature
sensing
and
external
temperature sensing diode.
When using the sensor bridge resistance based
temperature sensing (TSENSOR=0) it is necessary
to trim sensor bridge resistance setting by the
RSENSOR bits. There are sixteen sensor bridge
resistance trim values available ranging from 1.89k
Ω
to 9.86k
Ω. These correspond to internal trim resistor
R3 values ranging typically from 10.1k
Ω down to
2.14k
Ω and which are used to balance the formed
temperature sensing bridge circuit. For more details
see chapter SENSOR BRIDGE RESISTANCE
TEMPERATURE SENSING .
When using the external temperature sensing diode
(TSENSOR=1) the external temperature diode is
connected between VDDS pin (diode anode) and TD
pin
(diode
cathode).
During
temperature
measurement the MAS6505 sinks a constant 10 µA
bias current from the temperature sensing diode and
the temperature dependent diode forward voltage is
measured. To avoid signal clipping GAINT=1,
SGNGAINT=1 and OFST%= -28% settings must be
used in external diode temperature measurement.
Note that to select trim data from registers there
must be also set TRIM=01 or 10 in the Trim and
test register (FA/7AHEX). After power up the
default setting is TRIM=00 which selects all trim
data from EEPROM.
The Sensor bridge resistance selection configuration
value need to be stored into Sensor bridge
resistance
selection
data
EEPROM
address
(BB/3BHEX) since by default (TRIM=00) the trimming
value is read from the EEPROM before every
temperature measurement.
See also chapters AFE AND ADC INPUT SIGNAL
RANGE DEFINITIONS, AFE GAIN AND ADC
OFFSET
SELECTIONS,
EXTERNAL
TEMPERATURE
DIODE
TEMPERATURE
SENSING and SENSOR BRIDGE RESISTANCE
TEMPERATURE
SENSING
which
describe
temperature sensing signals and how the GAIN and
OFS settings define the sensor input signal range.
Table 7. Temperature sensor configuration register (FB/7BHEX) description
Bit
Number
Bit Name
Description
Value
Function
7-5
-
-
X
-
4
TSENSOR
Temperature sensor selection
0
1
Sensor bridge resistance temperature sensing
External temperature sensing diode
3-0
RSENSOR
Sensor bridge resistance trim
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
R3=10110 Ω (Rsensor=1890 Ω)
R3=9890 Ω (Rsensor=2110 Ω)
R3=9644 Ω (Rsensor=2356 Ω)
R3=9370 Ω (Rsensor=2630 Ω)
R3=9064 Ω (Rsensor=2936 Ω)
R3=8722 Ω (Rsensor=3278 Ω)
R3=8340 Ω (Rsensor=3660 Ω)
R3=7914 Ω (Rsensor=4086 Ω)
R3=7438 Ω (Rsensor=4562 Ω)
R3=6907 Ω (Rsensor=5093 Ω)
R3=6314 Ω (Rsensor=5686 Ω)
R3=5652 Ω (Rsensor=6348 Ω)
R3=4912 Ω (Rsensor=7088 Ω)
R3=4087 Ω (Rsensor=7913 Ω)
R3=3166 Ω (Rsensor=8834 Ω)
R3=2137 Ω (Rsensor=9863 Ω)
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com