Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 30Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 31Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 32Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 33Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 34Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 35Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 36Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 37Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 34 of 64
Pin Configurations[20] (continued)
Top View
100-lead TQFP (A100)
100
97
98
96
2
3
1
42
41
59
60
61
12
13
15
14
16
4
5
40
39
95 94
17
26
9
10
8
7
6
11
27 28
30
29
31 32
35
34
36
38
33
67
66
64
65
63
62
68
69
70
75
73
74
72
71
89 88
86
87
85
93 92
84
TDI
VCCO
I/O 55
I/O 54
I/O 53
I/O 52
CLK 3 /I 4
I/O 50
I/O 48
GND
NC
I/O47
I/O 46
I/O 49
TCK
GND
I/O 8
I/O 9
I/O10
I/O11
I/O15
VCCO
GND
CLK
1 /I 1
I/O16
I/O17
CLK0 /I 0
90
91
I/O 51
VCCO
CLK 2 /I 3
I/O14
N/C
I/O12
I/O13
I/O 45
I/O 44
I/O 43
I/O 42
I/O 41
I/O 40
GND
NC
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
VCCO
NC
18
19
20
21
22
23
24
25
83 82 81 80 79 78 77 76
58
57
56
55
54
53
52
51
43 44 45 46
48 49 50
99
37
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com