Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 34Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 35Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 36Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 37Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 38Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 39Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 40Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 41Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 38 of 64
Pin Configurations[20] (continued)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
1
41
42
43
44
45
46
47
48
49
50
51
52
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
155
115
114
113
112
111
110
109
108
107
106
105
156
208-Lead PQFP (N208) / CQFP (U208)
Top View
I/O139
I/O138
I/O137
I/O136
I/O135
TDI
I/O134
I/O133
I/O132
I/O131
I/O130
GND
I/O129
I/O128
I/O127
I/O126
I/O125
I/O124
I/O123
I/O122
I/O121
I/O120
CLK3/I4
VCC
GND
VCCO
GND
CLK2/I3
I/O119
I/O118
I/O117
I/O116
I/O115
NC
I/O114
I/O113
I/O112
I/O111
I/O110
VCCO
GND
I/O109
I/O108
I/O107
I/O106
I/O105
I/O104
I/O103
I/O102
I/O101
I/O100
GND
I/O21
I/O22
I/O23
I/O24
TCK
I/O25
I/O26
I/O27
I/O28
I/O29
GND
I/O30
I/O31
I/O32
I/O33
I/O34
NC
I/O35
I/O36
I/O37
I/O38
I/O39
CLK0/I0
VCCO
GND
NC
CLK1/I1
I/O40
I/O41
I/O42
I/O43
I/O44
I/O45
I/O46
I/O47
I/O48
I/O49
GND
I/O50
I/O20
I/O51
I/O52
I/O53
I/O54
NC
I/O55
I/O56
I/O57
I/O58
I/O59
VCC0
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com