Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 33Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 34Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 35Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 36Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 37Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 38Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 39Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 40Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 37 of 64
Pin Configurations[20] (continued)
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
81
82
160-Lead TQFP (A160) for CY37192(V)
84
83
GND
NC
I/O16
I/O17
I/O18
TCK
I/O19
I/O20
I/O21
I/O22
I/O23
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
I/O32
I/O33
I/O34
I/O35
I/O36
I/O37
I/O38
I/O39
I/O40
I/O41
I/O42
I/O43
I/O44
I/O45
GND
CLK0/I0
VCCO
GND
CLK1/I1
GND
VCCO
GND
NC
I/O75
I/O76
I/O77
I/O78
I/O79
I/O80
I/O81
GND
I/O82
I/O83
I/O84
I/O85
I/O86
I/O87
I/O88
I/O89
I/O90
I/O91
I/O92
I/O93
I/O94
I/O95
I/O96
I/O97
GND
GND
CLK2/I3
V
CCO
CLK3/I4
I/O98
I/O99
I/O100
I/O101
TDI
I/O102
I/O103
I/O104
VCCO
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
1
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com