Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL7700CMPWPSEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CMPWPSEP
Description  radiation hardened supply-voltage supervisor in space enhanced plastic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7700CMPWPSEP Datasheet(HTML) 4 Page - Texas Instruments

  TL7700CMPWPSEP Datasheet HTML 1Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 2Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 3Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 4Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 5Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 6Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 7Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 8Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TL7700-SEP
SLVSF13 – MARCH 2019
www.ti.com
Product Folder Links: TL7700-SEP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
41
V
Vs
SENSE input voltage
–0.3
41
V
VOH
Output voltage (off state)
41
V
IOL
Output current (on state)
5
mA
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
1000
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
1.8
40
V
IOL
Low-level output current
3
mA
TA
Operating free-air temperature
–55
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TL7700-SEP
UNIT
PW (TSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
172.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.6
°C/W
RθJB
Junction-to-board thermal resistance
101.2
°C/W
ψJT
Junction-to-top characterization parameter
5.2
°C/W
ψJB
Junction-to-board characterization parameter
99.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com