Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL7700CMPWPSEP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CMPWPSEP
Description  radiation hardened supply-voltage supervisor in space enhanced plastic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7700CMPWPSEP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL7700CMPWPSEP Datasheet HTML 7Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 8Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 9Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 10Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 11Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 12Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 13Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 14Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
tpo
tpo
RESET
Vhys
VCC
1.5 V
T
T
Vs’
VCC
Vs
GND
CT
RESET
RL
R1
R2
Ct
VCC
RESET
GND
SENSE
11
TL7700-SEP
www.ti.com
SLVSF13 – MARCH 2019
Product Folder Links: TL7700-SEP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Sense-Voltage Setting
The SENSE terminal input voltage, Vs, of the TL7700-SEP typically is 500 mV. By using two external resistors,
the circuit designer can obtain any sense voltage over 500 mV. In Figure 18, the sensing voltage, Vs', is
calculated as:
Vs' = Vs × (R1 + R2) / R2
where
•
Vs = 490 mV to 520 mV over temperature range
(1)
Figure 18. Setting the Sense Voltage
8.3.2 Sense-Voltage Hysteresis Setting
If the sense voltage (Vs') does not have hysteresis in it and the voltage on the sensing line contains ripples, the
resetting of TL7700-SEP will be unstable. Hysteresis is added to the sense voltage to prevent such problems. As
shown in Figure 19, the hysteresis (Vhys) is added and the value is determined as:
Vhys = Is × R1
where
•
Is = 1.5 μA to 3.5 μA over temperature range
(2)
NOTE: The sense voltage, Vs', is different from the SENSE terminal input voltage, Vs. Vs normally is 500 mV for triggering.
Figure 19. VCC-RESET Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com