Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL7700CMPWPSEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CMPWPSEP
Description  radiation hardened supply-voltage supervisor in space enhanced plastic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7700CMPWPSEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL7700CMPWPSEP Datasheet HTML 6Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 7Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 8Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 9Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 10Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 11Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 12Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 13Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Reference
Voltage
+
−
+
−
R
S
Q
+
−
Vs = 500 mV Typ
RESET
GND
CT
SENSE
VCC
ICT (A)
High:
On
IS (A)
Copyright © 2016, Texas Instruments Incorporated
10
TL7700-SEP
SLVSF13 – MARCH 2019
www.ti.com
Product Folder Links: TL7700-SEP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TL7700-SEP is a bipolar integrated circuit designed for use as a reset controller in microcomputer and
microprocessor systems. The SENSE voltage can be set to any value greater than 0.5 V using two external
resistors. The hysteresis value of the sense voltage also can be set by the same resistors. The device includes a
precision voltage reference, fast comparator, timing generator, and output driver, so it can generate a power-on
reset signal in a digital system.
The TL7700-SEP has an internal 1.5-V temperature-compensated voltage reference from which all function
blocks are supplied. Circuit function is very stable, with supply voltage in the 1.8-V to 40-V range. Minimum
supply current allows use with ac line operation and portable battery operation.
8.2 Functional Block Diagram
NOTE: ICT = 15 µA (Typ), Is = 2.5 µA (Typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com