Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL7700CMPWPSEP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CMPWPSEP
Description  radiation hardened supply-voltage supervisor in space enhanced plastic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL7700CMPWPSEP Datasheet(HTML) 5 Page - Texas Instruments

  TL7700CMPWPSEP Datasheet HTML 1Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 2Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 3Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 4Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 5Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 6Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 7Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 8Page - Texas Instruments TL7700CMPWPSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TL7700-SEP
www.ti.com
SLVSF13 – MARCH 2019
Product Folder Links: TL7700-SEP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.5 Electrical Characteristics
VCC = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Vs
SENSE input voltage
–55°C to 125°C
490
520
mV
Is
SENSE input current
Vs = 0.4 V
25°C
2
2.5
3
µA
–55°C to 125°C
1.5
3.5
ICC
Supply current
VCC = 40 V, Vs = 0.6 V, no load
25°C
0.6
1
mA
VOL
Low-level output voltage
IOL = 1.5 mA
25°C
0.4
V
IOL = 3 mA
25°C
0.8
IOH
High-level output current
VOH = 40 V, Vs = 0.6 V
–55°C to 125°C
1
µA
ICT
Timing-capacitor charge current
Vs = 0.6 V
25°C
11
15
19
µA
6.6 Switching Characteristics
VCC = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpi
SENSE pulse duration
CT = 0.01 µF (see Figure 17)
2
µs
tpo
Output pulse duration
CT = 0.01 µF (see Figure 17)
0.5
1
1.5
ms
tr
Output rise time
CT = 0.01 µF, RL = 2.2 kΩ, CL = 100 pF (see
Figure 17)
15
µs
tf
Output fall time
CT = 0.01 µF, RL = 2.2 kΩ, CL = 100 pF (see
Figure 17)
0.5
µs
tpd
Propagation delay time, SENSE to output
CT = 0.01 µF (see Figure 17)
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com