Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM82C59A-2JS Datasheet(PDF) 20 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 20 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 21Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 22Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 23Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 24Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
IS7 IS6 IS5 IS4 IS3 IS2 IS1 IS0
0
1
0
1
0
0
0
0
7
6
5
4
3
2
1
0
Lowest
Highest
IS Status
Priority Status
Before Rotation
(IR4 the highest priority requesting service)
IS7 IS6 IS5 IS4 IS3 IS2 IS1 IS0
0
1
0
0
0
0
0
0
2
1
0
7
6
5
4
3
Lowest
Highest
IS Status
Priority Status
After Rotation
(IR4 was serviced, all other priorities rotated correspondingly)
(11) Specific Rotation (Specific Priority)
All priority levels can be changed by programming the lowest priority level (Set Priority
Command in OCW2). For example, if IR5 is programmed as the device of lowest priority,
IR6 will have the highest priority. In this mode, the internal status can be updated during
OCW2 by software control. This is unrelated, however, to the EOI command in the same
OCW2.
Priority level can also be changed by using the OCW2 Rotate On Specific EOI command.
(12) Interrupt Mask
Interrupt inputs can be masked individually by Interrupt Mask Registers (IMR)
programmed through the OCW1. Each interrupt channel is masked (disabled) when the
respective IMR bit is set to “1”. IR0 is masked by bit 0, and IR1 is masked by bit 1. Masking
of any particular channel has no effect on other channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com