Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM82C59A-2JS Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
(v) A further two INTA pulses are then sent to the MSM82C59A-2 from the CPU by this
CALL instruction.
(vi) These two INTA pulses result in a preprogrammed subroutine address being sent from
the MSM82C59A-2 to the data bus. The lower 8-bit address is released by the first INTA
pulse, and the higher 8-bit address is released by the second pulse.
The Falling Edge of the second INTA signal sets the ISR bit with the highest priority,
and the Rising Edge of it resets the IRR bit.
(vii) 3-byte CALL instructions are thus released by the MSM82C59A-2. In Automatic End
Of Interrupt (AEOI) mode, the IRS bit is reset at the end of the third INTA pulse. In other
cases, the ISR bit remains set until reception of a suitable EOI command at the end of
the interrupt routine.
The procedure for the 86 system (MSM80C86A-10/88A-10) is identical to the first three
steps of the 85 system. The subsequent steps are described below.
(iv) Upon reception of the INTA signal from the CPU, the ISR bit with the highest priority
is set, and the corresponding IRR bit is reset. In this cycle, the MSM82C59A-2 sets the
data bus to high impedance without driving the Data Bus.
(v) The CPU generates a second INTA output pulse, resulting in an 8-bit pointer to the data
bus by the MSM82C59A-2.
The Falling Edge of the INTA signal sets the ISR bit with the highest priority, and the
Rising Edge of it resets the IRR bit.
(vi) This completes the interrupt cycle. In AEOI mode, the ISR bit is reset at the end of the
second INTA pulse. In other cases, the ISR bit remains set until reception of 3 suitable
EOI command at the end of the interrupt routine.
If the interrupt request is canceled prior to step (iv), that is, before the first INTA pulse has
been received, the MSM82C59A-2 operates as if a level 7 interrupt has been received, and
the vector byte and CAS line operate as if a level 7 interrupt has been requested.
(3) Interrupt Sequence Output
85 Mode (MSM80C85AH)
The sequence in this case consists of three INTA pulses. A CALL operation code is released
to the data bus by the first INTA pulse.
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
0
1
1
0
1
CALL Code
Contents of the First Interrupt Vector Byte
The lower address of the interrupt service routine is released to the data bus by the second
INTApulse. If A5-A7are programmed with an address interval of 4, A0-A4are automatically
inserted. And if A6 and A7 are programmed at an address interval of 8, A0-A5 are
automatically inserted.
Contents of the second interrupt vector byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com