| Electronic Components Datasheet Search |
|
MSM82C59A-2JS Datasheet(PDF) 12 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM82C59A-2JS Datasheet(HTML) 12 Page - OKI electronic componets |
|
12 / 28 page ![]() 12/28 ¡ Semiconductor MSM82C59A-2RS/GS/JS Contents of the Second Interrupt vector byte The higher address of the interrupt service routine programmed by the second bytes (A8 - A15) of the initialization sequence is released to the data bus. D7 D6 D5 D4 D3 D2 D1 D0 A15 A14 A13 A12 A11 A10 A9 A8 Contents of the Third Interrupt Vector Byte 86 Mode (MSM80C86A-10/88A-10) Apart from the two interrupt acknowledge cycles and the absence of a CALL operation code, the 86 mode is the same as the 85 mode. The first INTA cycle freezes interrupt status to resolve the priority internally in the same way as in 85 mode. When the device is used as a master, an interrupt code is issued to the cascade line at the end of the INTA pulse. During this first cycle, the data bus buffer is kept at high impedance without any data to the CPU. During the second INTA cycle, the MSM82C59A-2 sends a byte of interrupt code to the CPU. Note that in 86 mode, the Address Interval (ADI) control status is ignored and A5-A10 is not used. IR Interval = 4 D7 D6 D5 D4 D3 D2 D1 D0 7A7 A6 A5 111 0 0 A7 A6 A5 110 0 0 A7 A6 A5 101 0 0 A7 A6 A5 100 0 0 A7 A6 A5 011 0 0 A7 A6 A5 010 0 0 A7 A6 A5 001 0 0 6 5 4 3 2 1 A7 A6 A5 000 0 0 0 IR Interval = 8 D7 D6 D5 D4 D3 D2 D1 D0 7A7 A6 1 110 0 0 A7 A6 1 100 0 0 A7 A6 1 010 0 0 A7 A6 1 000 0 0 A7 A6 0 110 0 0 A7 A6 0 100 0 0 A7 A6 0 010 0 0 6 5 4 3 2 1 A7 A6 0 000 0 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |