Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM82C59A-2JS Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
(ii) Operation Command Words (OCW1 thru OCW3)
These commands are used in operating the MSM82C59A-2 in the following modes.
a. Fully Nested Mode
b. Rotating Priority Mode
c. Special Mask Mode
d. Polled Mode
The OCW can be written into the MSM82C59A-2 any time after initialization has been
completed.
(5) Initialization Command Words (ICW1 thru ICW4)
When a command is issued with D4 = 1 and A0 = 0, it is always regarded as an Initialization
Command Word 1 (ICW1). Starting of the initialization sequence by ICW1 results in
automatic execution of the following steps.
a. The edge sense circuit is reset, and a low to high transition is necessary to generate an
interrupt.
b. The interrupt mask register is cleared.
c. The IR7 input is assigned priority 7 (lowest priority)
d. Slave mode address is set to 7.
e. The Special Mask Mode is cleared, and the Status Read is set to IRR.
f. All ICW4 functions are cleared if IC4 = 0, resulting in a change to Non-Buffered mode, no-
Auto EOI, and 85 mode.
Note: Master/slave in ICW4 can only be used in buffered mode.
(i)
Initialization Command Words 1 and 2 (ICW1 and ICW2)
A4 thru A15: (Starting address of interrupt service routines)
In 85 mode, 8 request levels CALL 8 locations at equivalent intervals in
the memory. The memory location interval can be set at this stage to 4 or
8 by program. (ÆADI)Hence, either 32 or 64 bytes/page respectively are
used in the 8 routines.
The address format is 2 bytes long (A0 thru A15). When the routine
interval is 4, A0 thru A4 are inserted automatically by the MSM82C59A-
2, and A5 thru A15 are programmed externally. When the interval is 8,
on the other hand, A0 thru A5 are inserted automatically by the
MSM82C59A-2, and A6 thru A15 are programmed externally. In 86
mode, T3 thru T7 are inserted in the 5 most significant bits of the vector
type. And the MSM82C59A-2 sets the 3 least significant bits according to
the interrupt level. A0 thru A10 are ignored, and the ADI (address
interval) has no effect.
LTIM:
The MSM82C59A-2 is operated in level triggered mode when LTIM = 1,
and the interrupt input edge circuit becomes disabled.
ADI:
Designation of the CALL address interval. Interval = 4 when ADI = 1,
and interval = 8 when ADI = 0.
SNGL:
SNGL = 1 indicates the existence of only one MSM82C59A-2 in the
system. ICW3 is not required when SNGL = 1.
IC4:
ICW4 is required when this bit is set, but not required when IC4 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com