Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM82C59A-2JS Datasheet(PDF) 17 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 17 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
(6) Operation Command Words (OCW1 thru OCW3)
When Initialization Command Words (ICWs) are programmed in the MSM82C59A-2, the
interrupt input line is ready to receive interrupt requests. The Operation Command Words
(OCWs) enable the MSM82C59A-2 to be operated in various modes while the device is in
operation.
(i)
Operation Command Word 1 (OCW1)
OCW1 sets and resets the mask bits of the Interrupt Mask Register (IMR). M0 thru M7
represent 8 mask bits. The channel is masked when M = 1, but is enabled when M = 0.
(ii) Operation Command Word 2 (OCW2)
R, SL, EOI: The Priority Rotation and End of Interrupt mode plus combinations of the
two are controlled by combinations of these 3 bits. These combinations are
listed in the operation command word format table.
L2, L1, L0: These bits indicate the specified interrupt level when SL = 1.
(iii) Operation Command Word 3 (OCW3)
ESMM: This enables the Special Mask Mode. The special mask mode can be set and
reset by the SMM bit when ESMM = 1. The SMM bit is ignored when ESMM
= 0.
SMM:
(Special Mask Mode)
The MSM82C59A-2 is set to Special Mask Mode when ESMM = 1 and SMM =
1, and is returned to normal mask mode when ESMM = 1 and SMM = 0. SMM
is ignored when ESMM = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com