Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS3471 Datasheet(PDF) 53 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 49Page - Semtech Corporation GS3471 Datasheet HTML 50Page - Semtech Corporation GS3471 Datasheet HTML 51Page - Semtech Corporation GS3471 Datasheet HTML 52Page - Semtech Corporation GS3471 Datasheet HTML 53Page - Semtech Corporation GS3471 Datasheet HTML 54Page - Semtech Corporation GS3471 Datasheet HTML 55Page - Semtech Corporation GS3471 Datasheet HTML 56Page - Semtech Corporation GS3471 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
53 of 179
Semtech
www.semtech.com
Figure 4-32: H:V:DE Output Timing 2048 x 1080p @ 48/24
4.15 Automatic Video Standards Detection
The GS3471 is able to identify the received video standard. It will also indicate whether
the 3G input signal is Level A or Level B. The VID_STD_DS1 and VID_STD_DS2 registers
can be used to access this information. Table 4-11 describes the 5-bit codes for the
recognized video standards.
Four additional registers are provided to allow the host to read the video standard
information from the device such as total words per line, active words per line, total lines
per field/frame, and active lines per field/frame. This information can be accessed
through the RASTER_STRUC_[4:1]_DS[2:1] registers.
The RASTER_STRUC_4_DS[2:1] registers also contain three status bits:
STD_LOCK_DS[2:1], INT_PROG_DS[2:1], and M_DS[2:1]. The STD_LOCK_DS[2:1] bit
is set HIGH whenever the timing signal generator is fully synchronized to the incoming
standard, and detects it as one of the supported formats. The INT_PROG_DS[2:1] bit is
set HIGH if the detected video standard is interlaced and LOW if the detected video
standard is progressive. M is set HIGH if the clock frequency includes the “1000/1001”
factor denoting a 23.98Hz, 29.97Hz, or 59.94Hz frame rate.
6
1123 1124 1125
1
2
3
4
5
21 22
192
510
Data
Enable
H SYNC
V SYNC
Field 1:
22 Vertical Blank Lines
540
Active
Vertical Line
per field
7
2750
2048
Active Video
702
510
44
148
Data
Enable
H SYNC
8
568
560
561
562
563
564
565
566
567
584
585
108
510
Data
Enable
H SYNC
V SYNC
Field 2:
23 Vertical Blank Lines
540
Active
Vertical Line
per field
569
570
571
1375
1375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com