Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS3471 Datasheet(PDF) 63 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 63 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 59Page - Semtech Corporation GS3471 Datasheet HTML 60Page - Semtech Corporation GS3471 Datasheet HTML 61Page - Semtech Corporation GS3471 Datasheet HTML 62Page - Semtech Corporation GS3471 Datasheet HTML 63Page - Semtech Corporation GS3471 Datasheet HTML 64Page - Semtech Corporation GS3471 Datasheet HTML 65Page - Semtech Corporation GS3471 Datasheet HTML 66Page - Semtech Corporation GS3471 Datasheet HTML 67Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
63 of 179
Semtech
www.semtech.com
4.19 Ancillary Data Detection & Indication
The GS3471 detects ancillary data in both the vertical and horizontal ancillary data
spaces. The status signal outputs Y/1ANC and C/2ANC are provided to indicate the
position of ancillary data in the output data streams. These signals may be selected for
output on the multi-function I/O port pins (STAT[5:0]).
The GS3471 indicates the presence of all types of ancillary data by detecting the 000h,
3FFh, 3FFh (00h, FFh, FFh for 8-bit video) ancillary data preamble.
By default (at power up or after system reset) the GS3471 indicates all types of ancillary
data. Up to 5 types of ancillary data can be specifically programmed for recognition.
For HD video signals, ancillary data may be placed in both the Y and Cb/Cr video data
streams separately. For SD video signals, the ancillary data is multiplexed and combined
into the YCbCr data space.
For 3G signals, ancillary data may exist in either or both of the virtual interface data
streams. Both data streams are examined for ancillary data.
For a 3G data stream formatted as per Level A mapping:
•
The ancillary data is placed in Data Stream 1 first, with overflow into Data Stream 2
•
SMPTE ST 352 packets are duplicated in both data streams
For a 3G data stream formatted as per Level B mapping:
•
Each multiplexed data stream forming the 3G signal contains ancillary data
embedded according to SMPTE ST 291
•
Each multiplexed data stream forming the 3G signal contains SMPTE ST 352 packets
embedded according to SMPTE ST 425
For Y/1ANC and C/2ANC assertion and de-assertion while operating in SD, HD and 3G
Level A, please refer to Figure 4-35: Y/1ANC and C/2ANC Signal Timing.
When detecting ancillary data in 3G Level B data, the Y/1ANC status output is HIGH
when Data Stream 1 ancillary data is detected on either Y or C channels and the C/2ANC
status output is HIGH whenever Data Stream 2 ancillary data is detected on either Y or
C channels.
These status signal outputs are synchronous with PCLK and may be used as
clock-enables for external logic, or as write-enables for an external FIFO or other
memory devices.
Note 1: When I/O processing is disabled, the Y/1ANC and C/2ANC flags may toggle, but
they are invalid and should be ignored.
Note 2: For 3G Level B 20-bit data, the Y/1ANC flag identifies all ANC data on Data
Stream 1 (Link A), whether it is embedded in the Y or C component – ANC data is not
identified separately for each component. Similarly, the C/2ANC flag identifies all ANC
data on Data Stream 2 (Link B), whether it is embedded in the Y or C component.
Note 3: For 3G level B 10-bit data, the Y/1 ANC flag and C/2 ANC flag outputs are
dependent on the setting of ANC_EXT_SEL_DS2_DS1 and
ANC_EXT_SEL_DS1_Y_DS2_Y as shown in Figure 4-37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com