Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS3471 Datasheet(PDF) 94 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 94 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 90Page - Semtech Corporation GS3471 Datasheet HTML 91Page - Semtech Corporation GS3471 Datasheet HTML 92Page - Semtech Corporation GS3471 Datasheet HTML 93Page - Semtech Corporation GS3471 Datasheet HTML 94Page - Semtech Corporation GS3471 Datasheet HTML 95Page - Semtech Corporation GS3471 Datasheet HTML 96Page - Semtech Corporation GS3471 Datasheet HTML 97Page - Semtech Corporation GS3471 Datasheet HTML 98Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
94 of 179
Semtech
www.semtech.com
4.22.5.2 B'CAST ALL - B14 Command Word
This bit is used in write operations to configure all devices connected in Loop-Through
and Bus-Through configuration with a single command.
When B’CAST ALL is set to 1, the following Data Word (AUTOINC = 0) or Data Words
(AUTOINC = 1) are written to the register specified by the ADDRESS field of the
Command Word (and subsequent addresses when AUTOINC = 1), regardless of the
setting of the UNIT ADDRESS(es).
When B’CAST ALL is set to 0, a normal write operation is indicated. Only those devices
that have a Unit Address matching the UNIT ADDRESS field of the Command Word write
the Data Word to the register specified by the ADDRESS field of the Command Word.
4.22.5.3 EMEM - B13 Command Word
When the EMEM bit is 1 the Address Word is extended to 23 bits to allow access to
registers located in the extended memory space.
When the EMEM bit is 0, the address word is limited to 7 bits.
4.22.5.4 AUTOINC - B12 Command Word
When AUTOINC is set to 1, Auto-Increment read or write access is enabled.
In Auto-Increment Mode, the device automatically increments the register address for
each contiguous read or write access, starting from the address defined in the ADDRESS
field of the Command Word.
The internal address is incremented for each 16-bit read or write access until a
low-to-high transition on the CS pin is detected.
When AUTOINC is set to 0, single read or write access is required.
Auto-Increment write must not be used to update values in HOST_CONFIG.
4.22.5.5 UNIT ADDRESS - B11:B7 Command Word
The 5 bits of the UNIT ADDRESS field of the Command Word are used to select one of 32
devices connected on a single chip select in Loop-Through or Bus-Through
configurations.
Read and write accesses are only accepted if the UNIT ADDRESS field matches the
programmed DEVICE_UNIT_ADDRESS in HOST_CONFIG.
By default at power-up or after a device reset, the DEVICE_UNIT_ADDRESS is set to 00h
4.22.5.6 ADDRESS - B6:B0 Command Word
If the extended memory is not being accessed (EMEM = 0), the 7 bits of the ADDRESS
field are used to select one of 128 register addresses in the device in single read or write
access mode, or to set the starting address for read or write accesses in Auto-Increment
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com