Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS3471 Datasheet(PDF) 27 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 23Page - Semtech Corporation GS3471 Datasheet HTML 24Page - Semtech Corporation GS3471 Datasheet HTML 25Page - Semtech Corporation GS3471 Datasheet HTML 26Page - Semtech Corporation GS3471 Datasheet HTML 27Page - Semtech Corporation GS3471 Datasheet HTML 28Page - Semtech Corporation GS3471 Datasheet HTML 29Page - Semtech Corporation GS3471 Datasheet HTML 30Page - Semtech Corporation GS3471 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
27 of 179
Semtech
www.semtech.com
When EQ LOS Filter is disabled, EQ LOS will be asserted (set to 1) no less than 10μs and
no longer than 40μs after the loss of a valid input signal, and will be de-asserted (set to
0) no more than 5μs after the connection of a valid input signal.
SP (Signal Presence; opposite polarity of LOS) is available via a status bit in
STATUS_REG_0. The EQ LOS is available on the STAT[5:0] outputs. Refer to Figure 4-5.
4.3.3.1 Programmable EQ LOS Filter
The EQ LOS Filter delays notification of the change in raw EQ LOS until the new state
persists contiguously for the programmed length of time. This increases stability of EQ
LOS signalling.
The EQ LOS Filter assertion and de-assertion delays can be programmed through the
GS3471 host interface. By default, the EQ LOS Filter is set to 51.8μs assertion delay and
6.6ms de-assertion delay.
The EQ LOS assertion delay can be set in the range from 0ms to 6.6ms in increments of
25.9μs. The EQ LOS de-assertion delay can be set in the range of 0s to 1.7s in increments
of 6.6ms. These parameters are accessible using the EQ_LOS_FILTER_SET_DELAY and
EQ_LOS_FILTER_CLEAR_DELAY bits in EQ_LOS_FILTER_CONF_REG_0
The use of these parameters can be disabled using the EQ_LOS_FILTER_DISABLE bit in
EQ_LOS_FILTER_CONF_REG_1. Figure 4-4 below shows the derivation of the EQ LOS
status indication, and how the EQ LOS Filter affects the output.
Figure 4-4: Factors Affecting the Assertion of the LOS Status Parameter
4.3.3.2 EQ_STAT Output Muxing
The GS3471 reports the status of carrier detect and loss of signal on the equalized input
via EQ_STAT. The output can be Carrier Detect, Loss of Signal, or a combination of
Carrier Detect and Rate Detect, as shown in Figure 4-5. EQ_STAT is available on the
STAT[5:0] outputs.
EQ LOS Filter
Raw EQ LOS
1
0
LOS_FILTER_DISABLE
EQ LOS (Status Parameter)
EQ_LOS_FILTER_SET_DELAY
EQ_LOS_FILTER_CLEAR_DELAY
CARRIER DETECT
Set to 1 when any of the following:
EQ SLEEP, EQ AUTO_SLEEP,
EQ BYPASS
Combination of CARRIER DETECT
and SQUELCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com