Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1M8823X01-R0T0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S1M8823X01-R0T0
Description  INTERGER RF/IF DUAL PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8823X01-R0T0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S1M8823X01-R0T0 Datasheet HTML 3Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 4Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 5Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 6Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 7Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 8Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 9Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 10Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
INTERGER RF/IF DUAL PLL
S1M8821/22/23
7
PIN DESCRIPTION (Continued)
Pin No
(20TSSOP)
Pin No
(24QFN)
Symbol
I / O
Description
15
17
finIF
I
The complementary input of the IF prescaler. A bypass
capacitor must be placed as close as possible to this pin and
be connected directly to the ground plane. The bypass
capacitor is optional with some loss of sensitivity.
16
18
finIF
I
IF prescaler input. The signal comes from the external VCO.
17
19
GND
-
Ground for IF digital blocks.
18
20
CPoIF
O
Internal IF charge pump output for connection to an external
loop filter whose filtered output drives an external VCO.
-
21
-
N/C
No connection.
19
22
Vp2
-
Power supply voltage input for IF charge pump(
≥ VDD2)
20
23
VDD2
-
Power supply voltage input for the IF PLL part. VDD1 must
equal VDD2. In order to reject supply noise, bypass capacitors
must be placed as close as possible to this pin and be
connected directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com