Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1M8823X01-R0T0 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # S1M8823X01-R0T0
Description  INTERGER RF/IF DUAL PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8823X01-R0T0 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button S1M8823X01-R0T0 Datasheet HTML 12Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 13Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 14Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 15Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 16Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 17Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 18Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 19Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
S1M8821/22/23
INTERGER RF/IF DUAL PLL
16
Pulse Swallow Function
fVCO=[ ( P X B ) + A ] x fOSCin / R
fVCO : External VCO output frequency
P : Preset modulus of dual modulus prescaler
(for S1M8821/22 RF:P=64 or 128,
for S1M8823 RF:P=32 or 64,
for IF: P=8 or 16)
B : 11-bit main counter division ratio (3
≤ B ≤ 2047)
A : 7-bit swallow counter division ratio
(for RF: 0
≤ A ≤ 127, for IF: 0 ≤ A ≤ 15, A ≤ B)
fOSCin : External reference frequency(from external oscillator)
R : 15-bit reference counter division ratio (3
≤ R ≤ 32767)
Program Mode
•
Mode Select Truth Table
* The charge pump output current of ICPo LOW = 1/4 × ICPo HIGH.
C1
C2
R16
R17
R18
R19
R20
0
0
IF Phase
Detector Polarity
IF ICPo
IF CPoIF
High Impedance
IF
LD
IF
Fo
01
RF Phase
Detector Polarity
RF ICPo
RF CPoIF
High Impedance
RF
LD
RF
Fo
C1
C2
N19
N20
1
0
IF Prescaler
Pwdn IF
1
1
RF Prescaler
Pwdn RF
Phase Detector Polarity
CPoIF High Impedance
ICPo
IF Prescaler
RF Prescaler
S1M8821/22
(S1M8823)
Pwdn
0
Negative
Normal Operation
Low
8/9
64/65 (32/33)
Pwr Up
1
Positive
High Impedance
High
16/17
128/129 (64/65)
Pwr Dn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com