Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1M8823X01-R0T0 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # S1M8823X01-R0T0
Description  INTERGER RF/IF DUAL PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8823X01-R0T0 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button S1M8823X01-R0T0 Datasheet HTML 13Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 14Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 15Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 16Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 17Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 18Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 19Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 20Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
INTERGER RF/IF DUAL PLL
S1M8821/22/23
17
•
Phase Detector Polarity
Depending on VCO characteristics, R16 bit should be set as follows :
VCO characteristics are positive like (1) : R16 HIGH
VCO characteristics are negative like (2) : R16 LOW
•
foLD (Pin10) Output Truth Table
— When the PLL is locked and a lock detect mode is selected, the foLD output is HIGH, with narrow pulses
LOW.
— Counter Reset mode resets R & N counters.
— The high speed lock mode sets the foLD output pin to be connected to ground with a low impedance
(
≤ 110
Ω).
RF R19
(RF LD)
IF R19
(IF LD)
RF R20
(RF fo)
IF R20
(IF fo)
foLD Output State
0000
Disabled (default LOW)
0100
IF Lock Detect
1000
RF Lock Detect
1100
RF and IF Lock Detect
0001
IF Reference Divider Output
0010
RF Reference Divider Output
0101
IF Programmable Divider Output
0110
RF Programmable Divider Output
0011
High Speed Lock mode
0111
IF Counter Reset
1011
RF Counter Reset
1111
RF and IF Counter Reset
(1)
(2)
VCO Input Voltage
VCO Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com