Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1M8823X01-R0T0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1M8823X01-R0T0
Description  INTERGER RF/IF DUAL PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8823X01-R0T0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1M8823X01-R0T0 Datasheet HTML 1Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 2Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 3Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 4Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 5Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 6Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 7Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 8Page - Samsung semiconductor S1M8823X01-R0T0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
INTERGER RF/IF DUAL PLL
S1M8821/22/23
1
INTRODUCTION
The S1M8821/22/23 is a high performance dual frequency
synthesizer with integrated prescalers designed for RF operation up
to 1.2GHz/2.0GHz/2.5GHz and IF operation up to 520MHz.
The S1M8821/22/23 contains dual-modulus prescalers. The RF
synthesizer adopts a 64/65 or a 128/129 prescaler(32/33 or 64/65 for
the S1M8823) and the IF synthesizer adopts an 8/9 or a 16/17
prescaler.
Using a proprietary digital phase-locked-loop technique, the
S1M8821/22/23 has linear phase detector characteristic and can be
used for very stable, low noise local oscillator signal. Supply voltage
can range from 2.7V to 4.0V. The S1M8821/22/23 is now available in
a 20-TSSOP/24-QFN package.
FEATURES
•
High operating frequency dual synthesizer
— S1M8821 : 0.1 to 1.2GHz (RF)/ 45 to 520MHz (IF)
— S1M8822 : 0.2 to 2.0GHz (RF)/ 45 to 520MHz (IF)
— S1M8823 : 0.5 to 2.5GHz (RF)/ 45 to 520MHz (IF)
•
Very low current consumption(8821:3.5mA, 22:4.5mA, 23:5.5mA)
•
Operating voltage range : 2.7 to 4.0V
•
Selectable power saving mode(Icc=1uA typical @3V)
•
Dual modulus prescaler :
S1M8821/22
(RF) 64/65 or 128/129
S1M8823
(RF) 32/33 or 64/65
S1M8821/22/23
(IF) 8/9 or 16/17
•
Programmability via serial bus interface
•
No dead-zone PFD
•
Variable charge pump output current
•
High speed lock mode
APPLICATIONS
•
Cellular telephone systems : S1M8821
•
Portable wireless communications : S1M8822 (PCS/PCN, cordless)
•
Wireless Local Area Networks (W-LANs) : S1M8823
•
Other wireless communication systems
20-TSSOP-BD44
24-QFN-3.5
×4.5


Similar Part No. - S1M8823X01-R0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8831A SAMSUNG-S1M8831A Datasheet
248Kb / 32P
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8831A/33 SAMSUNG-S1M8831A/33 Datasheet
248Kb / 32P
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8831A01-G0T0 SAMSUNG-S1M8831A01-G0T0 Datasheet
248Kb / 32P
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8833 SAMSUNG-S1M8833 Datasheet
248Kb / 32P
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8833X01-G0T0 SAMSUNG-S1M8833X01-G0T0 Datasheet
248Kb / 32P
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
More results

Similar Description - S1M8823X01-R0T0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Samsung semiconductor
DS_S1M8837 SAMSUNG-DS_S1M8837 Datasheet
234Kb / 29P
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
logo
Analog Devices
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
logo
Samsung semiconductor
S1M8831A SAMSUNG-S1M8831A Datasheet
248Kb / 32P
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com