Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZBHR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 10Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 11Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 12Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 13Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 14Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 15Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 16Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 17Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
14
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
7.8 Cable Detection Characteristics
Recommended operating conditions; TA = -10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IH_CC_USB
Source Current through each C_CC pin when in a disconnected
state and Configured as a DFP advertising Default USB current to
a peripheral device
73.6
80
86.4
μA
IH_CC_1P5
Source Current through each C_CC pin when in a disconnected
state when Configured as a DFP advertising 1.5 A to a UFP
169
180
191
μA
IH_CC_3P0
Source Current through each C_CC pin when in a disconnected
state and Configured as a DFP advertising 3.0 A to a UFP.
VIN_3V3
≥ 3.135 V
303
330
356
μA
VD_CCH_USB
Voltage Threshold for detecting a DFP attach when configured as
a UFP and the DFP is advertising Default USB current source
capability
0.15
0.2
0.25
V
VD_CCH_1P5
Voltage Threshold for detecting a DFP advertising 1.5 A source
capability when configured as a UFP
0.61
0.66
0.7
V
VD_CCH_3P0
Voltage Threshold for detecting a DFP advertising 3 A source
capability when configured as a UFP
1.169
1.23
1.29
V
VH_CCD_USB
Voltage Threshold for detecting a UFP attach when configured as
a DFP and advertising Default USB current source capability
IH_CC = IH_CC_USB
1.473
1.55
1.627
V
VH_CCD_1P5
Voltage Threshold for detecting a UFP attach when configured as
a DFP and advertising 1.5 A source capability
IH_CC = IH_CC_1P5
1.473
1.55
1.627
V
VH_CCD_3P0
Voltage Threshold for detecting a UFP attach when configured as
a DFP and advertising 3 A source capability
IH_CC = IH_CC_3P0
VIN_3V3
≥ 3.135 V
2.423
2.55
2.67
V
VH_CCA_USB
Voltage Threshold for detecting an active cable attach when
configured as a DFP and advertising Default USB current
capability
0.15
0.2
0.25
V
VH_CCA_1P5
Voltage Threshold for detecting active cables attach when
configured as a DFP and advertising 1.5 A capability
0.35
0.4
0.45
V
VH_CCA_3P0
Voltage Threshold for detecting active cables attach when
configured as a DFP and advertising 3 A capability
0.76
0.8
0.84
V
RD_CC
Pulldown resistance through each C_CC pin when in a disconnect
state and configured as a UFP. LDO_3V3 powered
V = 1 V, 1.5 V
4.85
5.1
5.35
kΩ
RD_CC_OPEN
Pulldown resistance through each C_CC pin when in a disconnect
state and configured as a UFP. LDO_3V3 powered
V = 0 V to LDO_3V3
500
kΩ
RD_DB
Pulldown resistance through each C_CC pin when in a disconnect
state and configured as a UFP when configured for dead battery
(RPD_Gn tied to C_CCn). LDO_3V3 unpowered
V = 1.5 V, 2.0 V
RPD_Gn tied to C_CCn
4.08
5.1
6.12
kΩ
RD_DB_OPEN
Pulldown resistance through each C_CC pin when in a disconnect
state and configured as a UFP when not configured for dead
battery (RPD_Gn tied to GND). LDO_3V3 unpowered
V = 1.5 V, 2.0 V
RPD_Gn tied to GND
500
kΩ
VTH_DB
Threshold Voltage of the pulldown FET in series with RD during
dead battery
I_CC = 80 μA
0.5
0.9
1.2
V
R_RPD
Resistance between RPD_Gn and the gate of the pulldown FET
25
50
85
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com