Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZBHR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 67 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 63Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 64Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 65Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 66Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 67Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 68Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 69Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 70Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 121 page
background image
PORT_DETx
PORT_intx
EN
UART_RX
UART_RXin
CMOS
Output
UART_TXout
UARTTX_RO
UART_TX
OD
OD_DO
67
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 56. IOBUF_OD Output Buffer
9.3.18.3 IOBUF_UTX
The push-pull output driver is shown in Figure 57. The output buffer has a UARTTX_RO source resistance. The
supply voltage to the system side buffer is configurable to be LDO_3V3 by default or VDDIO. This is not shown
in Figure 57. The supply voltage to the port side buffers remains LDO_3V3.
Figure 57. IOBUF_UTX Output Buffer
9.3.18.4 IOBUF_URX
The input buffer is shown in Figure 58. The supply voltage to the system side buffer is configurable to be
LDO_3V3 by default or VDDIO. This is not shown in Figure 58. The supply voltage to the port side buffers
remains LDO_3V3.
Figure 58. IOBUF_URX Input
9.3.18.5 IOBUF_PORT
The input buffer is shown in Figure 59. This input buffer is connected to the intermediate nodes between the 1st
stage switch and the 2nd stage switch for each port output (C_SBU1/2, C_USB_TP/N, C_USB_BN/P). The input
buffer is enabled via firmware when monitoring digital signals and disabled when an analog signal is desired. See
theFigure 45 section for more detail on the pullup and pulldown resistors of the intermediate node.
Figure 59. IOBUF_PORT Input Buffer
9.3.18.6 IOBUF_I2C
The I2C I/O driver is shown in Figure 60. This I/O consists of an open-drain output and an input comparator with
deglitching. The supply voltage to this buffer is configurable to be LDO_3V3 by default or VDDIO. This is not
shown in Figure 60. Parameters for the I2C clock and data I/Os are found in I2C Slave Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com