Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZBHR Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 88 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 84Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 85Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 86Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 87Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 88Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 89Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 90Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 91Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 121 page
background image
TPS65982
(Primary)
TPS65982
(Secondary)
SPI
Flash
SPI
UART
88
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
This detect signal is used to determine if the barrel jack is present to support the 20 V PD power contracts and to
hand-off charging from barrel jack to Type-C or Type-C to barrel jack. When the DC barrel jack is detected the
TPS65982 at each Type-C port will not request 20 V for charging and the system will be able to support a 20 V
source power contract to another device. When the DC Barrel Jack is disconnected the TPS65982 will exit any
20 V source power contract and re-negotiate a power contract. When the DC Barrel Jack is connected the
TPS65982 will send updated source capabilities and re-negotiate a power contract if needed.
The PFET enable will be controlled by the DC barrel jack detect comparator depicted in Figure 81. This will allow
the system to power up from dead battery through the barrel jack as well as the Type-C ports. Figure 83 shows
the flow between changing from DC barrel jack charging and USB-PD charging. The example uses back-to-back
PFETs for disabling and enabling the power path for the DC Barrel Jack. It is important to use PFETs that are
rated above the specified parameters to ensure robustness of the system. The DC Barrel Jack voltage in this
design is assumed to be 20 V at 5 A, so the PFETs are recommended to be rated at a minimum of 30 V and 10
A of current.
The TPS65982 in this design also provides the GPIO control for the PFET gate drive that passes the DC Barrel
Jack Voltage to the system. Figure 83 shows the flow between changing from DC Barrel Jack charging and
Type-C PD charging.
10.2.2.2.4
Primary TPS65982 Flash Master and Secondary Port
A single flash can be used for two TPS65982’s in a system where the primary TPS65982 is connected to the
flash and the seoncdary TPS65982 is connected to the primary through UART. UART data is used to pass the
firmware from the primary TPS65982 to the secondary TPS65982 in the system. Figure 82 shows a simplified
block diagram of how a primary and secondary TPS65982 are connected using a single flash. The primary
TPS65982 must have its I2C_ADDR pin tied to GND with a 0Ω to denote it as the primary TPS65982.
Figure 82. Primary and Secondary TPS65982 Sharing a Single Flash
10.2.2.2.5
TPS65982 Dead Battery Support Primary and Secondary Port
The TP65982 supports dead battery functionality to be able to power up from the Type-C port. This design
supports dead battery using the PP_EXT path, where RPD_G1/2 and CC1/2 are connected respectively, and
BUSPOWERZ is connected to GND to path 5 V VBUS into the system through the PP_EXT path. The
TPS65982 will soft-start the PP_EXT (or PP_HV) path to comply with USB2.0 inrush current requirements. To
enable PD functionality the TPS65982 must boot the application firmware from the flash. For the primary
TPS65982, once VBUS is detected at 5 V it will automatically start to load the application firmware from the flash.
The TPS65982 will then be able communicate over PD and establish a power contract at the required 20 V.
Figure 84 shows the boot up sequence of the primary TPS65982.
When the TPS65982 that is not connected to the flash is connected in dead battery it will pass the 5 V from
VBUS in to the battery charger where the battery would be able to generate the needed System 3.3 V rail to both
of the TPS65982s. Once the primary TPS65982 has a valid 3.3 V supply (VBUS = 0 V on Primary TPS65982) it
will load the application firmware from the flash and pass it to the secondary TPS65982 that is connected. Once
the secondary TPS65982 has loaded the application firmware over UART it will be able to negotiate a 20-V
power contract. Figure 85 shows the dead battery sequence of the secondary TPS65982.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com