Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZBHR Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 85 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 81Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 82Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 83Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 84Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 85Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 86Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 87Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 88Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
VBUS
CC1/2
SSTX/RX
SBU1/2
USB2.0
Type C
Receptacle
TPS65982
(Notebook Application)
VBUS
CC1/2
USB2.0
PP_HV
PP_5V0
VIN_3V3
PP_CABLE
Battery Voltage
Supply 5 V, 3.5 A
Supply 3.3 V, 50 mA
SBU1/2
I C
2
AUX_N/P
HD3SS460
(SS MUX)
ML0 – ML3
USB3 SSTX/RX
SSTX/RX
USB3 Source
DP Source
VBUS
CC1/2
SSTX/RX
SBU1/2
USB2.0
Type C
Receptacle
TPS65982
(Notebook Application)
VBUS
CC1/2
USB2.0
PP_HV
PP_5V0
VIN_3V3
PP_CABLE
Battery Voltage
Supply 5 V, 3.5 A
Supply 3.3 V, 50 mA
SBU1/2
I2C
AUX_N/P
HD3SS460
(SS MUX)
ML0 – ML3
USB3 SSTX/RX
SSTX/RX
USB3 Source
DP Source
System
Controller
BQ Battery
Charger
DC Barrel Jack
PFET Control
VIN
+
BAT
Battery Voltage
I C
2
I C Master
2
DC Barrel Jack Sense
Copyright © 2016, Texas Instruments Incorporated
85
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 79. Dual-Port Notebook Application
10.2.2.1 Design Requirements
For a dual-port notebook application, Table 13 lists the input voltage requirements and expected current
capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com