Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZBHR Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 66 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 62Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 63Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 64Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 65Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 66Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 67Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 68Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 69Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 121 page
background image
GPIO_OD_EN
GPIO_OE
GPIO_DO
GPIO_PU_EN
GPIO_PD_EN
DEBUG_CTL1/2
GPIO_DI
GPIO_AI_EN
To ADC
50 ns
Deglitch
GPIO_RPU
GPIO_RPD
LDO_3V3
GPIO_OD_EN
GPIO_OE
GPIO_DO
GPIO_RPU
GPIO_PU_EN
GPIO_PD_EN
GPIO_DI
GPIO_AI_EN
To ADC
20 ns
Deglitch
LDO_3V3
GPIO
GPIO_RPD
66
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 54. IOBUF_GPIOLS (General GPIO) I/O
Figure 55 shows the IOBUF_GPIOLSI2C that is identical to IOBUF_GPIOLS with an extended deglitch time.
Figure 55. IOBUF_GPIOLSI2C (General GPIO) I/O with I2C De-glitch
9.3.18.2 IOBUF_OD
The open-drain output driver is shown in Figure 56 and is the same push-pull CMOS output driver as the GPIO
buffer. The output has independent pulldown control allowing open-drain connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com