Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT88326VA Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 12Page - Active-Semi, Inc ACT88326VA Datasheet HTML 13Page - Active-Semi, Inc ACT88326VA Datasheet HTML 14Page - Active-Semi, Inc ACT88326VA Datasheet HTML 15Page - Active-Semi, Inc ACT88326VA Datasheet HTML 16Page - Active-Semi, Inc ACT88326VA Datasheet HTML 17Page - Active-Semi, Inc ACT88326VA Datasheet HTML 18Page - Active-Semi, Inc ACT88326VA Datasheet HTML 19Page - Active-Semi, Inc ACT88326VA Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
16
SYSTEM CONTROL INFORMATION
General
The ACT88326 is a single-chip integrated power man-
agement solution designed to power many processors
such as the Silicon Motion SM2258/59/62/63/63XT
solid state drive controllers and the Atmel SAMA5D pro-
cessors. It integrates three highly efficient buck regula-
tors, two LDOs, and an integrated load bypass switch.
Its high integration and high switching frequency result
in an extremely small footprint and low cost power solu-
tion. It contains a master controller that manages
startup sequencing, timing, voltages, slew rates, sleep
states, and fault conditions. I2C configurability allows
system level changes without the need for costly PCB
changes. The built-in load bypass switch enables full
sequencing configurability in 3.3V systems.
The ACT88326 master controller monitors all outputs
and reports faults via I2C and hardwired status signals.
Faults can be masked and fault levels and responses
are configurable via I2C.
Many of the ACT88326 pins and functions are configu-
rable. The IC’s default functionality is defined by the de-
fault CMI (Code Matrix Index), but much of this function-
ality can be changed via I2C. Several GPIOs can be
configured as enable inputs, reset outputs, dynamic
voltage (DVS) inputs, LED drivers, etc. The GPIO con-
figuration is specifically defined for each ACT88326 or-
derable part number. The first part of the datasheet de-
scribes basic IC functionality and default pin functions.
The end of the datasheet provides the configuration and
functionality specific to each CMI version. Contact
sales@active-semi.com for additional information about
other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT88326 uses standard I2C commands. The
ACT88326 operates as a slave device, and can be fac-
tory configured to one of four 7-bit slave addresses. The
7-bit slave address is followed by an eighth bit, which
indicates whether the transaction is a read-operation or
a write-operation. Refer to each specific CMI for the IC’s
slave address
7-Bit Slave Address
8-Bit Write
Address
8-Bit Read
Address
0x25h
010 0101b
0x4Ah
0x4Bh
0x27h
010 0111b
0x4Eh
0x4Fh
0x67h
110 0111b
0xCEh
0xCFh
0x6Bh
110 1011b
0xD6h
0xD7h
There is no timeout function in the I2C packet pro-
cessing state machine, however, any time the I2C state
machine receives a start bit command, it immediately
resets the packet processing, even if it is in the middle
of a valid packet. The I2C functionality is operational in
all states except RESET.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pull-up resistor. Signals on these pins must meet
timing requirements in the Electrical Characteristics
Table.
I2C Registers
The ACT88326 contains an array of internal registers
that contain the IC’s basic instructions for setting up the
IC configuration, output voltages, sequencing, fault
thresholds, fault masks, etc. These registers are what
give the IC its operating flexibility. The two types of
registers are described below.
Basic Volatile – These are R/W (Read and Write) and
RO (Read only). After the IC is powered, the user can
modify the R/W register values to change IC
functionality. Changes in functionality include things like
masking certain faults. The RO registers communicate
IC status such as fault conditions. Any changes to these
registers are lost when power is recycled. The default
values are fixed and cannot be changed by the factory
or the end user.
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register
values to change IC functionality. Changes in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the
factory to optimize IC functionality for specific
applications. Please consult sales@active-semi.com for
custom options and minimum order quantities.
When modifying only certain bits within a register, take
care
to
not
inadvertently
change
other
bits.
Inadvertently changing register contents can lead to
unexpected device behavior.
State Machine
Figure 1 shows the ACT88326 internal state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com