Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT88326VA Datasheet(PDF) 23 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 23 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 19Page - Active-Semi, Inc ACT88326VA Datasheet HTML 20Page - Active-Semi, Inc ACT88326VA Datasheet HTML 21Page - Active-Semi, Inc ACT88326VA Datasheet HTML 22Page - Active-Semi, Inc ACT88326VA Datasheet HTML 23Page - Active-Semi, Inc ACT88326VA Datasheet HTML 24Page - Active-Semi, Inc ACT88326VA Datasheet HTML 25Page - Active-Semi, Inc ACT88326VA Datasheet HTML 26Page - Active-Semi, Inc ACT88326VA Datasheet HTML 27Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
23
rises above the Thermal Interrupt Threshold of typically
135 deg C. It reports a fault when the temperature rises
above the Thermal Shutdown Temperature of typically
160 deg C. A temperature fault transitions the IC to the
THERMAL state and shuts down all outputs unless the
fault is masked. Both the fault and the warning can be
masked via I2C. The temperature warning and fault
flags still provide real-time status even if the faults are
masked. Masking just prevents the faults from being re-
ported via the nIRQ pin.
Pin Descriptions
Many of the ACT88326 input and output pins are con-
figurable via CMI configurations. The following descrip-
tions are refer to basic pin functions and capabilities.
Refer to the CMI Options section in the back of the
datasheet for specific pin functionality for each CMI.
VIN_Bx
VIN_Bx pins are the dedicated input power to the buck
converters. Each buck converter must be bypassed di-
rectly to its PGNDx pin on the top PCB layer with a 10uF
capacitor.
AVIN
AVIN is the input power to the LDOs. It also powers the
IC’s analog circuitry. AVIN must be bypassed directly to
AGND on the top PCB layer with a 1uF ceramic capac-
itor.
VIN_IO
This is the bias supply input to the IC’s digital circuitry.
It powers the GPIO pins. VIN_IO is typically connected
to the VIN_Bx pins, but can be powered from a different
voltage rail if desired. VIN_IO should be bypassed to
PGNDx with a 1uF ceramic capacitor.
nPB
nPB is the push button input pin and provides multiple
system level functions based on its impedance to
ground and “press” time. Power On and Power Cycle1
are typically implemented with a single normally open,
momentary pushbutton switch to ground through 50kΩ.
Power Off and Power Cycle2 are typically implemented
with a single normally open, momentary pushbutton
switch or a “pin hole” pushbutton to ground through 1kΩ.
Power On – This sequence starts up the IC and turns
the outputs on. Initiate Power On by momentarily pulling
nPB to ground through a 50kΩ resistor. The IC
automatically starts turning on the outputs after 32ms.
All outputs must be in regulation and the nPB must be
asserted low for longer than the time programmed by
the I2C bit PB WAIT TIME SET. After the programed time,
the IC enters the ACTIVE state and operates normally.
If nPB is deasserted before the required time, the IC
automatically turns all outputs off and goes back to the
POWER OFF state. If a fault is detected before nPB is
released, the IC automatically turns all outputs off and
goes back to the POWER OFF state. Note that nPB can
be asserted indefinitely, but the IC does enter the
ACTIVE state until it is released.
Power Cycle1 – This sequence momentarily turns all
outputs off and automatically restarts them. Initiate
Power Cycle1 by momentarily pulling nPB to ground
through a 50kΩ resistor for >4s. When nPB transitions
back high, the IC transitions from its current operating
state to the POWER OFF state for 0.5s. It then
transitions to the POWER SEQUENCE START state for
0.5s before going to the ACTIVE state. Note that I2C
register bit EN_PB_PWRCYCL must be set to 1 to
enable the Power Cycle1 function. If nPB is pulled low
for <4s, no action is taken.
Power Off – This sequence turns all outputs off, and
they stay off until the user actively initiates a Power On
sequence. Initiate Power Off by pulling nPB to ground
through a 50kΩ resistor for >6s. After 6s, the IC
transitions from its current operating state to the
POWER OFF state and turns all outputs off. Once in the
POWER OFF state and nPB is released high, the IC
follows normal programmed functionality to leave
POWER
OFF.
Note
that
I2C
register
bit
EN_PB_PWROFF must be set to 1 to enable the Power
Off function. If nPB is pulled low for <6s, no action is
taken.
Soft Reset – This sequence pulls nRESET low to reset
the system processor, but all ACT88326 outputs stay
turned on. To initiate Soft Reset, pull nPB to ground
through a 1kΩ resistor for 32ms to 4s. nRESET asserts
low after 32ms. When nPB transitions back high, the IC
deasserts the nRESET pin high. The output voltages do
not power cycle during a Soft Reset.
Power Cycle2 – This sequence momentarily turns all
outputs off and automatically restarts them. Initiate
Power Cycle1 by momentarily pulling nPB to ground
through a 1kΩ resistor for >4s. When nPB transitions
back high, the IC transitions from its current operating
state to the POWER OFF state for 0.5s. It then
transitions to the POWER SEQUENCE START state for
0.5s before going to the ACTIVE state. Unlike Power
Cycle1, the Power Cycle2 sequence does not require
any I2C register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com