Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 338Page - Renesas Technology Corp HD64F2145 Datasheet HTML 339Page - Renesas Technology Corp HD64F2145 Datasheet HTML 340Page - Renesas Technology Corp HD64F2145 Datasheet HTML 341Page - Renesas Technology Corp HD64F2145 Datasheet HTML 342Page - Renesas Technology Corp HD64F2145 Datasheet HTML 343Page - Renesas Technology Corp HD64F2145 Datasheet HTML 344Page - Renesas Technology Corp HD64F2145 Datasheet HTML 345Page - Renesas Technology Corp HD64F2145 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 829 page
background image
Rev. 2.0, 08/02, page 302 of 788
Bit
Bit Name
Initial Value
R/W
Description
3
2
1
0
HFINV
VFINV
HIINV
VIINV
0
0
0
0
R/W
R/W
R/W
R/W
Input Synchronization Signal Inversion
These bits select inversion of the input phase of the
spare horizontal synchronization signal (HFBACKI),
the spare vertical synchronization signal (VFBACKI),
the horizontal synchronization signal (HSYNCI),
composite synchronization signal (CSYNCI), and the
vertical synchronization signal (VSYNCI).
• HFINV
0: The HFBACKI pin state is used directly as the
HFBACKI input
1: The HFBACKI pin state is inverted before use as
the HFBACKI input
• VFINV
0: The VFBACKI pin state is used directly as the
VFBACKI input
1: The VFBACKI pin state is inverted before use as the
VFBACKI input
• HIINV
0: The HSYNCI and CSYNCI pin states are used
directly as the HSYNCI and CSYNCI inputs
1: The HSYNCI and CSYNCI pin states are inverted
before use as the HSYNCI and CSYNCI inputs
• VIINV
0: The VSYNCI pin state is used directly as the
VSYNCI input
1: The VSYNCI pin state is inverted before use as the
VSYNCI input
Legend
X:
Don’t care
Table 13.2
Synchronization Signal Connection Enable
Bit 5
Description
SCONE
Mode
FTIA
FTIB
FTIC
FTID
TMCI1 TMRI1
0
Normal connection (Initial value)
FTIA
input
FTIB
input
FTIC
input
FTID
input
TMCI1
input
TMRI1
input
1
Synchronization signal
connection mode
IVI
signal
TMO1
signal
VFBACKI
input
IHI
signal
IHI
signal
IVI
inverse
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com