Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 339Page - Renesas Technology Corp HD64F2145 Datasheet HTML 340Page - Renesas Technology Corp HD64F2145 Datasheet HTML 341Page - Renesas Technology Corp HD64F2145 Datasheet HTML 342Page - Renesas Technology Corp HD64F2145 Datasheet HTML 343Page - Renesas Technology Corp HD64F2145 Datasheet HTML 344Page - Renesas Technology Corp HD64F2145 Datasheet HTML 345Page - Renesas Technology Corp HD64F2145 Datasheet HTML 346Page - Renesas Technology Corp HD64F2145 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 829 page
background image
Rev. 2.0, 08/02, page 303 of 788
13.3.2
Timer Connection Register O (TCONRO)
TCONRO controls output signal output, phase inversion, etc.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
HOE
VOE
CLOE
CBOE
0
0
0
0
R/W
R/W
R/W
R/W
Output Enable
These bits control enabling/disabling of output of
horizontal synchronization signal (HSYNCO), vertical
synchronization signal (VSYNCO), clamp waveform
(CLAMPO), and blanking waveform (CBLANK). When
output is disabled, the state of the relevant pin is
determined by port DR and DDR, FRT, TMR, and
PWM settings.
Output enabling/disabling control does not affect the
port, FRT, or TMR input functions, but some FRT and
TMR input signal sources are determined by the
SCONE bit in TCONRI.
HOE:
0: The P44/TMO1/HIRQ1/HSYNCO pin functions as
the P44/TMO1/HIRQ1 pin
1: The P44/TMO1/HIRQ1/HSYNCO pin functions as
the HSYNCO pin
VOE:
0: The P61/FTOA/CIN1/
.,14/VSYNCO pin functions
as the P61/FTOA/CIN1/
.,14 pin
1: The P61/FTOA/CIN1/
.,14/VSYNCO pin functions
as the VSYNCO pin
CLOE:
0: The P64/FTIC/CIN4/
.,17/CLAMPO pin functions as
the P64/FTIC/CIN4/
.,17 pin
1: The P64/FTIC/CIN4/
.,17/CLAMPO pin functions as
the CLAMPO pin
CBOE:
0: The P27/A15/PW15/CBLANK pin functions as the
P27/A15/PW15 pin
In mode 1:
1: The P27/A15/PW15/CBLANK pin functions as the
A15 pin
In modes 2 and 3:
1: The P27/A15/PW15/CBLANK pin functions as the
CBLANK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com