Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSAS3F3CY2202 Datasheet(PDF) 54 Page - Eaton All Rights Reserved.

Part # CSAS3F3CY2202
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3CY2202 Datasheet(HTML) 54 Page - Eaton All Rights Reserved.

Back Button CSAS3F3CY2202 Datasheet HTML 50Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 51Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 52Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 53Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 54Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 55Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 56Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 57Page - Eaton All Rights Reserved. CSAS3F3CY2202 Datasheet HTML 58Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-53
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.6
Inductive Proximity Sensors
AccuProx Analog Sensors
AccuProx Analog Performance Graphs
Linear Output
12 mm
18 mm
30 mm
Measurement Resolution 1
12 mm
18 mm
30 mm
Output Resolution 2
12 mm
18 mm
30 mm
Notes
1 Measurement resolution is the sensor’s ability to detect a change in target position. The measurement resolution is the finest at the highest point in the curve.
2 Output resolution is the change in output signal relative to target position. The minimum change in output resolution is defined by the lowest point in the curve.
20
15
10
5
0
02
46
810
Range (mm)
10
9
8
7
6
5
4
3
2
1
0
Unshielded
Shielded
20
15
10
5
0
05
10
15
20
10
9
8
7
6
5
4
3
2
1
0
Range (mm)
Unshielded
Shielded
20
15
10
5
0
05
10
15
20
25
Range (mm)
10
9
8
7
6
5
4
3
2
1
0
Unshielded
Shielded
.492
.650
.984
1.97
0
.012
.017
.025
.050
.0
Range (mm)
02
46
8
10
Unshielded
Shielded
.787
.984
1.30
1.97
3.94
0
05
10
15
20
.020
.025
.033
0.05
0.10
0
Range (mm)
Unshielded
Shielded
.984
1.30
1.97
3.94
0
.025
.033
0.05
0.10
0
05
10
15
20
25
Range (mm)
Unshielded
Shielded
200
150
100
50
0
02
46
810
Range (mm)
400
300
200
100
0
Unshielded
Shielded
250
200
150
100
50
0
05
10
15
20
500
400
300
200
100
0
Range (mm)
Unshielded
Shielded
200
150
100
50
0
400
300
200
100
0
05
10
15
20
25
Range (mm)
Unshielded
Shielded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com